Electronic Components Datasheet Search
  English  ▼

X  

GRSPW Datasheet(PDF) 44 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 44 Page - Actel Corporation

Back Button GRSPW Datasheet HTML 40Page - Actel Corporation GRSPW Datasheet HTML 41Page - Actel Corporation GRSPW Datasheet HTML 42Page - Actel Corporation GRSPW Datasheet HTML 43Page - Actel Corporation GRSPW Datasheet HTML 44Page - Actel Corporation GRSPW Datasheet HTML 45Page - Actel Corporation GRSPW Datasheet HTML 46Page - Actel Corporation GRSPW Datasheet HTML 47Page - Actel Corporation GRSPW Datasheet HTML 48Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
44
GRSPW / GRSPW-FT
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
GAISLER
Table 69. rmap_pkt struct fields
Field
Description
Allowed Range
type
Selects the type of packet to build.
writecmd, readcmd,
rmwcmd, writerep, readrep,
rmwrep
verify
Selects whether the data should be verified before writing
yes, no
ack
Selects whether an acknowledge should be sent
yes, no
incr
Selects whether the address should be incremented or not
yes, no
destaddr
Sets the destination address
0 - 255
destkey
Sets the destination key
0 - 255
srcaddr
Sets the source address
0 - 255
tid
Sets the transaction identifier field
0 - 65535
addr
Sets the address of the operation to be performed. The extended
address field is currently always set to 0.
0 - 232-1
len
The number of bytes to be writte, read or read-modify-written
0 - 224-1
status
Sets the status field
0 - 11
dstspalen
Number of source path address bytes to insert before the destination
address
0 - 228
dstspa
Pointer to memory holding the destination path address bytes
-
srcspalen
Number of source path address bytes to insert in a command. For a
reply these bytes are placed before the return address
0 - 12
srcspa
Pointer to memory holding the source path address bytes
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com