Electronic Components Datasheet Search
  English  ▼

X  

GRSPW Datasheet(PDF) 3 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 3 Page - Actel Corporation

  GRSPW Datasheet HTML 1Page - Actel Corporation GRSPW Datasheet HTML 2Page - Actel Corporation GRSPW Datasheet HTML 3Page - Actel Corporation GRSPW Datasheet HTML 4Page - Actel Corporation GRSPW Datasheet HTML 5Page - Actel Corporation GRSPW Datasheet HTML 6Page - Actel Corporation GRSPW Datasheet HTML 7Page - Actel Corporation GRSPW Datasheet HTML 8Page - Actel Corporation GRSPW Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
3
GRSPW / GRSPW-FT
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
GAISLER
1.3
Signal overview
The GRSPW signals are shown in figure 3. Note that the AMBA AHB and APB signals are imple-
mented VHDL records and are not shown in detail.
1.4
Implementation characteristics
The GRSPW is inherently portable and can be implemented on most FPGA and ASIC technologies.
Table 1 shows the approximate cell count and frequency for four different GRSPW configurations on
Actel RTAX.
The GRSPW core is available in VHDL source code or as a pre-synthesized netlist. It can be delivered
for stand-alone operation or with a wrapper for GRLIB AMBA plug&play interface.
Table 1. Implementation characteristics (Cells (comb. / seq.) / RAM blocks / AHB MHz / SPW MHz)
Core configuration
RTAX2000S-1
ASIC
GRSPW
3,100 (2,100 / 1,000) / 3 / 40 / 100
10,000 gates
GRSPW + RMAP
4,700 (3,450 / 1,250) / 4 / 40 / 100
15,000 gates
GRSPW-FT
3,100 (2,100 / 1,000) / 5 / 40 / 100
11,000 gates
GRSPW-FT + RMAP
4,800 (3,550 / 1,250) / 6 / 40 / 100
16,000 gates
Figure 3. Signal overview
clk
rst
txclk
swni.d
swni.s
swni.tickin
swni.clkdiv10
swno.d
swno.s
swno.tickout
SpaceWire Link
Clock & Reset
swni.timerrstval
swni.dcrstval
swni.rmapen
ahbmo
ahbmi
apbo
apbi
AMBA
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com