Electronic Components Datasheet Search
  English  ▼

X  

GRSPW Datasheet(PDF) 2 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 2 Page - Actel Corporation

  GRSPW Datasheet HTML 1Page - Actel Corporation GRSPW Datasheet HTML 2Page - Actel Corporation GRSPW Datasheet HTML 3Page - Actel Corporation GRSPW Datasheet HTML 4Page - Actel Corporation GRSPW Datasheet HTML 5Page - Actel Corporation GRSPW Datasheet HTML 6Page - Actel Corporation GRSPW Datasheet HTML 7Page - Actel Corporation GRSPW Datasheet HTML 8Page - Actel Corporation GRSPW Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
GRSPW / GRSPW-FT
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
GAISLER
1
Introduction
1.1
Overview
The GRSPW core implements a SpaceWire Codec with RMAP support and AMBA host interface.
The core implements the ECSS SpaceWire standard with the protocol identification extension and
Remote Memory Access Protocol (RMAP).
Receive and transmit data is autonomously transferred between the SpaceWire Codec and the AMBA
AHB bus using DMA transfers. Through the use of receive and transmit descriptors, multiple
SpaceWire packets can be received and transmitted without CPU involvement. The GRSPW control
registers are accessed through an APB interface.
1.2
Example application
The GRSPW core has been designed to fit into an architecture from which a large variety of applica-
tions can be derived. The architecture is centered around the AMBA Advanced High-speed Bus
(AHB), to which the GRSPW core and other high-bandwidth units are connected. Low-bandwidth
units connected to the AMBA Advanced Peripheral Bus (APB) which is accessed through an AHB to
APB bridge. The architecture is shown in figure 2.
Figure 1. GRSPW block diagram
AMBA AHB
GRSPW
SpaceWire
APB slave
AHB master
SpaceWire signals
AMBA APB
RMAP Ctrl
Codec
Registers
Figure 2. Architectural block diagram of a typical system using the SpaceWire codec
LEON3FT
32-bit SPARC
Integer Unit
I-cache
Debug
Support
Unit
D-cache
CAN
2.0
Controller
Memory
Controller
with EDAC
SDRAM
Controller
with EDAC
SpaceWire
Codec
Interface
Mil-Std-1553
BC/RT/MT
Interface
2 x UART
16 x GPIO
Mil-Std-1553
RT
Interface
32-bit AMBA AHB
Timers
Interrupt
AHB / APB
UART
Debug
Link
JTAG
Debug
Link
On-Chip
Memory
with EDAC
FPU
PROM/SRAM
SDRAM
LVDS I/F
32
32
CAN-2.0
Dual-1553
Dual-1553
AHB
CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com