Electronic Components Datasheet Search
  English  ▼

X  

GRSPW Datasheet(PDF) 27 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 27 Page - Actel Corporation

Back Button GRSPW Datasheet HTML 23Page - Actel Corporation GRSPW Datasheet HTML 24Page - Actel Corporation GRSPW Datasheet HTML 25Page - Actel Corporation GRSPW Datasheet HTML 26Page - Actel Corporation GRSPW Datasheet HTML 27Page - Actel Corporation GRSPW Datasheet HTML 28Page - Actel Corporation GRSPW Datasheet HTML 29Page - Actel Corporation GRSPW Datasheet HTML 30Page - Actel Corporation GRSPW Datasheet HTML 31Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
27
GRSPW / GRSPW-FT
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
GAISLER
7
Invalid Address (IA) - Set to one when a packet is received with an invalid destination address field,
i.e it does not match the nodeaddr register. Cleared when written with a one. Reset value: ‘0’.
6
Write synchronization Error (WE) - A synchronization problem has occurred when receiving N-
Chars. Cleared when written with a one. Reset value: ‘0’.
5RESERVED
4
Parity Error (PE) - A parity error has occurred. Cleared when written with a one. Reset value: ‘0’.
3
Disconnect Error (DE) - A disconnection error has occurred. Cleared when written with a one. Reset
value: ‘0’.
2
Escape Error (ER) - An escape error has occurred. Cleared when written with a one. Reset value: ‘0’.
1
Credit Error (CE) - A credit has occurred. Cleared when written with a one. Reset value: ‘0’.
0
Tick Out (TO) - A new time count value was received and is stored in the time counter field. Cleared
when written with a one. Reset value: ‘0’.
Table 17. GRSPW node address register
31
87
0
RESERVED
NODEADDR
31: 8
RESERVED
7: 0
Node address (NODEADDR) - 8-bit node address used for node identification on the SpaceWire
network. Reset value: 254.
Table 18. GRSPW clock divisor register
31
16 15
8
7
0
RESERVED
CLKDIVSTART
CLKDIVRUN
31: 16
RESERVED
15: 8
Clock divisor startup (CLKDIVSTART) - 8-bit Clock divisor value used for the clock-divider
during startup (link-interface is in other states than run). The actual divisor value is Clock Divi-
sor register + 1. Reset value: clkdiv10 input signal.
7: 0
Clock divisor run (CLKDIVRUN) - 8-bit Clock divisor value used for the clock-divider when the
link-interface is in the run-state. The actual divisor value is Clock Divisor register + 1. Reset value:
clkdiv10 input signal.
Table 19. GRSPW destination key
31
87
0
RESERVED
DESTKEY
31: 8
RESERVED
7: 0
Destination key (DESTKEY) - RMAP destination key. Only available if the rmap VHDL generic is
set to 1. Reset value: 0.
Table 16. GRSPW status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com