Electronic Components Datasheet Search
  English  ▼

X  

GRSPW Datasheet(PDF) 28 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 28 Page - Actel Corporation

Back Button GRSPW Datasheet HTML 24Page - Actel Corporation GRSPW Datasheet HTML 25Page - Actel Corporation GRSPW Datasheet HTML 26Page - Actel Corporation GRSPW Datasheet HTML 27Page - Actel Corporation GRSPW Datasheet HTML 28Page - Actel Corporation GRSPW Datasheet HTML 29Page - Actel Corporation GRSPW Datasheet HTML 30Page - Actel Corporation GRSPW Datasheet HTML 31Page - Actel Corporation GRSPW Datasheet HTML 32Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
GRSPW / GRSPW-FT
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
GAISLER
Table 20. GRSPW time register
31
87
65
0
RESERVED
TCTRL
TIMECNT
31: 8
RESERVED
7: 6
Time control flags (TCTRL) - The current value of the time control flags. Sent with time-code
resulting from a tick-in. Received control flags are also stored in this register. Reset value: ‘0’.
5: 0
Time counter (TIMECNT) - The current value of the system time counter. It is incremented for each
tick-in and the incremented value is transmitted. The register can also be written directly but the
written value will not be transmitted. Received time-counter values are also stored in this register.
Reset value: ‘0’.
Table 21. GRSPW timer and disconnect register.
31
22 21
12 11
0
RESERVED
DISCONNECT
TIMER64
31: 22
RESERVED
21: 12
Disconnect (DISCONNECT) - Used to generate the 850 ns disconnect time period. The disconnect
period is the number is the number of clock cycles in the disconnect register + 3. So to get a 850 ns
period, the smallest number of clock cycles that is greater than or equal to 850 ns should be calcu-
lated and this values - 3 should be stored in the register. Reset value is set with VHDL generics or
with input signals depending on the value of the usegen VHDL generic.
11: 0
6.4 us timer (TIMER64) - Used to generate the 6.4 and 12.8 us time periods. Should be set to the
smallest number of clock cycles that is greater than or equal to 6.4 us. Reset value is set with VHDL
generics or with input signals depending on the value of the usegen VHDL generic.
Table 22. GRSPW dma control register
31
17 16 15
13 12 11 10
9
8
7
6
5
4
3
2
1
0
RESERVED
LE RESERVED NS RD RX AT RA TA PR PS AI
RI
TI RE TE
31: 17
RESERVED
16
Link error disable (LE) - Disable transmitter when a link error occurs. No more packets will be trans-
mitted until the transmitter is enabled again. Reset value: ‘0’.
15: 13
RESERVED
12
No spill (NS) - If cleared, packets will be discarded when a packet is arriving and there are no active
descriptors. If set, the GRSPW will wait for a descriptor to be activated.
11
Rx descriptors available (RD) - Set to one, to indicate to the GRSPW that there are enabled descrip-
tors in the descriptor table. Cleared by the GRSPW when it encounters a disabled descriptor: Reset
value: ‘0’.
10
RX active (RX) - Is set to ‘1’ if a reception to the DMA channel is currently active otherwise it is ‘0’.
Only readable.
9
Abort TX (AT) - Set to one to abort the currently transmitting packet and disable transmissions. If no
transmission is active the only effect is to disable transmissions. Self clearing. Reset value: ‘0’.
8
RX AHB error (RA) - An error response was detected on the AHB bus while this receive DMA
channel was accessing the bus. Cleared when written with a one. Reset value: ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com