Electronic Components Datasheet Search
  English  ▼

X  

GRSPW Datasheet(PDF) 40 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 40 Page - Actel Corporation

Back Button GRSPW Datasheet HTML 36Page - Actel Corporation GRSPW Datasheet HTML 37Page - Actel Corporation GRSPW Datasheet HTML 38Page - Actel Corporation GRSPW Datasheet HTML 39Page - Actel Corporation GRSPW Datasheet HTML 40Page - Actel Corporation GRSPW Datasheet HTML 41Page - Actel Corporation GRSPW Datasheet HTML 42Page - Actel Corporation GRSPW Datasheet HTML 43Page - Actel Corporation GRSPW Datasheet HTML 44Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
40
GRSPW / GRSPW-FT
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
GAISLER
int spw_checkrx(int *size, struct rxstatus *rxs, struct spwvars *spw);
Checks if a packet has been received. When a packet has been received the size in bytes will be stored
in the size parameter and status is found in the rxs struct. A pointer in the spwvars struct is used to
keep track of the location in the descriptor table to poll. It is incremented each time the function
returns nonzero.
int spw_checktx(struct spwvars *spw);
Table 51. Parameters for spw_rx
Parameter
Description
Allowed range
buf
Pointer to the data area.
-
spw
Pointer to the spwvars struct associated with GRSPW core that
should receive the packet
-
Table 52. Return values for spw_checkrx
Value
Description
0
No packet has been received
1
A packet has been received
Table 53. Parameters for spw_checkrx
Parameter
Description
Allowed range
size
When the function returns 1 this variable holds the number of bytes
received
-
rxs
When the function returns 1 this variable holds status information
-
spw
Pointer to the spwvars struct associated with GRSPW core that
should be polled
-
Table 54. The rxstatus struct
Field
Description
Allowed range
truncated
Packet was truncated
0 - 1
dcrcerr
Data CRC error bit was set. Only indicates an error if the packet
received was an RMAP packet.
0 - 1
hcrcerr
Header CRC error bit was se.t. Only indicates an error if the packet
received was an RMAP packet.
0 - 1
eep
Packet was terminated with EEP
0 - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com