Electronic Components Datasheet Search
  English  ▼

X  

LTM4601AV Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4601AV
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AV Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4601AV Datasheet HTML 3Page - Linear Technology LTM4601AV Datasheet HTML 4Page - Linear Technology LTM4601AV Datasheet HTML 5Page - Linear Technology LTM4601AV Datasheet HTML 6Page - Linear Technology LTM4601AV Datasheet HTML 7Page - Linear Technology LTM4601AV Datasheet HTML 8Page - Linear Technology LTM4601AV Datasheet HTML 9Page - Linear Technology LTM4601AV Datasheet HTML 10Page - Linear Technology LTM4601AV Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM4601A/LTM4601A-1
7
4601afb
(See Package Description for Pin Assignment)
VIN (Bank 1): Power Input Pins. Apply input voltage be-
tween these pins and PGND pins. Recommend placing
input decoupling capacitance directly between VIN pins
and PGND pins.
VOUT (Bank 3): Power Output Pins. Apply output load
between these pins and PGND pins. Recommend placing
output decoupling capacitance directly between these pins
and PGND pins. Review the figure below.
PGND (Bank 2): Power ground pins for both input and
output returns.
VOSNS– (Pin M12): (–) Input to the Remote Sense Amplifier.
This pin connects to the ground remote sense point. The
remote sense amplifier is used for VOUT ≤3.3V.
NC1 (Pin M12): No Connect On the LTM4601A-1.
VOSNS+ (Pin J12): (+) Input to the Remote Sense Amplifier.
This pin connects to the output remote sense point. The
remote sense amplifier is used for VOUT ≤3.3V.
NC2 (Pin J12): No Connect On the LTM4601A-1.
DIFFVOUT (Pin K12): Output of the Remote Sense Ampli-
fier. This pin connects to the VOUT_LCL pin.
NC3 (Pin K12): No Connect On the LTM4601A-1.
DRVCC (Pin E12): This pin normally connects to INTVCC
for powering the internal MOSFET drivers. This pin can
be biased up to 6V from an external supply with about
50mA capability, or an external circuit shown in Figure 16.
This improves efficiency at the higher input voltages by
reducing power dissipation in the module.
INTVCC (Pin A7, D9): This pin is for additional decoupling
of the 5V internal regulator. These pins are internally
connected. Pin A7 is a test pin.
PLLIN (Pin A8): External Clock Synchronization Input to
the Phase Detector. This pin is internally terminated to
SGND with a 50k resistor. Apply a clock above 2V and
below INTVCC. See Applications Information.
TRACK/SS (Pin A9): Output Voltage Tracking and Soft-
Start Pin. When the module is configured as a master
output, then a soft-start capacitor is placed on this pin
to ground to control the master ramp rate. A soft-start
capacitor can be used for soft-start turn on as a stand
alone regulator. Slave operation is performed by putting
a resistor divider from the master output to the ground,
and connecting the center point of the divider to this pin.
See Applications Information.
MPGM (Pins A12, B11): Programmable Margining Input.
A resistor from this pin to ground sets a current that is
equal to 1.18V/R. This current multiplied by 10kΩ will
equal a value in millivolts that is a percentage of the 0.6V
reference voltage. See Applications Information. To parallel
LTM4601As, each requires an individual MPGM resistor.
Do not tie MPGM pins together. Both pins are internally
connected. Pin A12 is a test pin.
fSET (Pins B12, C11): Frequency Set Internally to 850kHz.
An external resistor can be placed from this pin to ground
to increase frequency. This pin can be decoupled with a
1000pF capacitor. See Applications Information for fre-
quency adjustment. Both pins are internally connected.
Pin B12 is a test pin.
VFB (Pin F12): The Negative Input of the Error Amplifier.
Internally, this pin is connected to VOUT_LCL pin with a
60.4k precision resistor. Different output voltages can be
programmed with an additional resistor between VFB and
SGND pins. See Applications Information.
MARG0 (Pin C12): This pin is the LSB logic input for the
margining function. Together with the MARG1 pin will
determine if margin high, margin low or no margin state
is applied. The pin has an internal pull-down resistor of
50k. See Applications Information.
PIN FUNCTIONS
VIN
BANK 1
1
A
B
C
D
E
F
G
H
J
K
L
M
234567
*LTM4601A-1 ONLY
8
9 10 11 12
PGND
BANK 2
VOUT
BANK 3
VOSNS
+/NC2*
VOSNS
–/NC1*
DIFFVOUT/NC3*
VOUT_LCL
SGND
fSET
MARG0
MARG1
DRVCC
INTVCC
VFB
PGOOD
TOP VIEW
MTP1
MTP2
MTP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com