Electronic Components Datasheet Search
  English  ▼

X  

LTM4601AV Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4601AV
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AV Datasheet(HTML) 4 Page - Linear Technology

  LTM4601AV Datasheet HTML 1Page - Linear Technology LTM4601AV Datasheet HTML 2Page - Linear Technology LTM4601AV Datasheet HTML 3Page - Linear Technology LTM4601AV Datasheet HTML 4Page - Linear Technology LTM4601AV Datasheet HTML 5Page - Linear Technology LTM4601AV Datasheet HTML 6Page - Linear Technology LTM4601AV Datasheet HTML 7Page - Linear Technology LTM4601AV Datasheet HTML 8Page - Linear Technology LTM4601AV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM4601A/LTM4601A-1
4
4601afb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
2
V/μs
RIN
Input Resistance
VOSNS+ to GND
20
kΩ
CMRR
Common Mode Rejection Mode
100
dB
Control Stage
VFB
Error Amplifier Input Voltage
Accuracy
IOUT = 0A, VOUT = 1.5V
l
0.594
0.6
0.606
V
VRUN
RUN Pin On/Off Threshold
1
1.5
1.9
V
ISS/TRACK
Soft-Start Charging Current
VSS/TRACK = 0V
–1
–1.5
–2
μA
tON(MIN)
Minimum On-Time
(Note 4)
50
100
ns
tOFF(MIN)
Minimum Off-Time
(Note 4)
250
400
ns
RPLLIN
PLLIN Input Resistance
50
kΩ
IDRVCC
Current into DRVCC Pin
VOUT = 1.5V, IOUT = 1A, DRVCC = 5V
18
25
mA
RFBHI
Resistor Between VOUT_LCL and VFB
60.098
60.4
60.702
kΩ
VMPGM
Margin Reference Voltage
1.18
V
VMARG0, VMARG1 MARG0, MARG1 Voltage Thresholds
1.4
V
PGOOD Output
ΔVFBH
PGOOD Upper Threshold
VFB Rising
7
10
13
%
ΔVFBL
PGOOD Lower Threshold
VFB Falling
–7
–10
–13
%
ΔVFB(HYS)
PGOOD Hysteresis
VFB Returning
1.5
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.15
0.4
V
The
l denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4601AE/LTM4601AE-1 are guaranteed to meet
performance specifications from 0°C to 85°C. Specifications over the
–40°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTM4601AI/LTM4601AI-1 are guaranteed and tested over the –40°C to
85°C temperature range.
Note 3: Remote sense amplifier recommended for ≤3.3V output.
Note 4: 100% tested at wafer level only.
Note 5: See Output Current Derating curves for different VIN, VOUT and TA.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com