Electronic Components Datasheet Search
  English  ▼

X  

LTM4601AV Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4601AV
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AV Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4601AV Datasheet HTML 15Page - Linear Technology LTM4601AV Datasheet HTML 16Page - Linear Technology LTM4601AV Datasheet HTML 17Page - Linear Technology LTM4601AV Datasheet HTML 18Page - Linear Technology LTM4601AV Datasheet HTML 19Page - Linear Technology LTM4601AV Datasheet HTML 20Page - Linear Technology LTM4601AV Datasheet HTML 21Page - Linear Technology LTM4601AV Datasheet HTML 22Page - Linear Technology LTM4601AV Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM4601A/LTM4601A-1
19
4601afb
Tables 3 and 4 provide a summary of the equivalent
θJA
for the noted conditions. These equivalent
θJA parameters
are correlated to the measured values, and are improved
with air flow. The case temperature is maintained at 100°C
or below for the derating curves. The maximum case
temperature of 100°C is to allow for a rise of about 13°C
to 25°C inside the μModule with a thermal resistance
θJC
from junction to case between 6°C/W to 9°C/W. This will
maintain the maximum junction temperature inside the
μModule below 125°C.
Safety Considerations
The LTM4601A modules do not provide isolation from
VIN to VOUT. There is no internal fuse. If required, a
slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure.
Layout Checklist/Example
The high integration of LTM4601A makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current path, in-
cluding VIN, PGND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VIN, PGND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath the
unit. Refer frequency synchronization source to power
ground.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put vias directly on pads unless they are capped.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to PGND underneath the unit.
Figure 15 gives a good example of the recommended
layout.
Figure 15. Recommended Layout
APPLICATIONS INFORMATION
SIGNAL
GND
CONTROL
CONTROL
CONTROL
VOUT
VIN
•
••
•
••
•
••
•
•• •
•
•• •
•
•• •
•
•• •
•••
•
•• • • •
•
•• • • •
•
•
•
•
•
•
•• • • •
•
•• • • •
•
•• • • •
•
•• • • •
•
•
•
•
•
•
•
•
•
•
•
•• • • •
•
•• • • •
•
•• • • •
•
•• • • •
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
PGND
COUT
CIN
CIN
COUT
4601A F15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com