Electronic Components Datasheet Search
  English  ▼

X  

LTM4601AV Datasheet(PDF) 28 Page - Linear Technology

Part # LTM4601AV
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AV Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM4601AV Datasheet HTML 20Page - Linear Technology LTM4601AV Datasheet HTML 21Page - Linear Technology LTM4601AV Datasheet HTML 22Page - Linear Technology LTM4601AV Datasheet HTML 23Page - Linear Technology LTM4601AV Datasheet HTML 24Page - Linear Technology LTM4601AV Datasheet HTML 25Page - Linear Technology LTM4601AV Datasheet HTML 26Page - Linear Technology LTM4601AV Datasheet HTML 27Page - Linear Technology LTM4601AV Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM4601A/LTM4601A-1
28
4601afb
© LINEAR TECHNOLOGY CORPORATION 2007
LT 1108 REV B • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Quad Supply Monitor with Adjustable Reset Timer
Monitors Four Supplies; Adjustable Reset Timer
LTC2923
Power Supply Tracking Controller
Tracks Both Up and Down; Power Supply Sequencing
LT3825/LT3837
Synchronous Isolated Flyback Controllers
No Optocoupler Required; 3.3V, 12A Output; Simple Design
LTM4600
10A DC/DC μModule
Basic 10A DC/DC μModule
LTM4601
12A DC/DC μModule with PLL, Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation to 48A, LTM4601-1 Version has no
Remote Sensing
LTM4602
6A DC/DC μModule
Pin Compatible with the LTM4600
LTM4603
6A DC/DC μModule with PLL and Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version has no
Remote Sensing, Pin Compatible with the LTM4601
LTM4604A
4A Low Voltage DC/DC μModule
2.7V ≤ VIN ≤ 5.5V; 0.8V ≤ VOUT ≤ 5V,
9mm
× 15mm × 2.3mm (Ultra-thin) LGA Package
LTM4608A
8A Low Voltage DC/DC μModule
2.7V ≤ VIN ≤ 5.5V; 0.6V ≤ VOUT ≤ 5V;
9mm
× 15mm × 2.8mm LGA Package
This product contains technology licensed from Silicon Semiconductor Corporation.
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com