Electronic Components Datasheet Search
  English  ▼

X  

LTM4601AV Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4601AV
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AV Datasheet(HTML) 1 Page - Linear Technology

  LTM4601AV Datasheet HTML 1Page - Linear Technology LTM4601AV Datasheet HTML 2Page - Linear Technology LTM4601AV Datasheet HTML 3Page - Linear Technology LTM4601AV Datasheet HTML 4Page - Linear Technology LTM4601AV Datasheet HTML 5Page - Linear Technology LTM4601AV Datasheet HTML 6Page - Linear Technology LTM4601AV Datasheet HTML 7Page - Linear Technology LTM4601AV Datasheet HTML 8Page - Linear Technology LTM4601AV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4601A/LTM4601A-1
1
4601afb
12A DC/DC µModules
with PLL, Output Tracking
and Margining
n Telecom and Networking Equipment
n Servers
n Complete Switch Mode Power Supply
n Wide Input Voltage Range: 4.5V to 20V
n 12A DC Typical, 14A Peak Output Current
n 0.6V to 5V Output Voltage
n Output Voltage Tracking and Margining
n Redundant Mounting Pads for Enhanced Solder-
Joint Strength
n Parallel Multiple μModules for Current Sharing
n Differential Remote Sensing for Precision
Regulation (LTM4601A Only)
n PLL Frequency Synchronization
n ±1.5% Total DC Error
n Current Foldback Protection (Disabled at Start-Up)
n Pb-Free (e4) RoHS Compliant Package with Gold
Finish Pads
n UltraFast™ Transient Response
n Current Mode Control
n Up to 95% Efficiency at 5VIN, 3.3VOUT
n Programmable Soft-Start
n Output Overvoltage Protection
n Enhanced (15mm
× 15mm × 2.8mm) Surface Mount
LGA Package
1.5V/12A Power Supply with 4.5V to 20V Input
Efficiency and Power Loss
vs Load Current
The LTM®4601A is a complete 12A step-down switch mode
DC/DC power supply with onboard switching controller,
MOSFETs, inductor and all support components. The
μModule™ is housed in a small surface mount 15mm
× 15mm × 2.8mm LGA package. The LTM4601A LGA
package is designed with redundant mounting pads to
enhance solder-joint strength for extended temperature
cycling endurance. Operating over an input voltage range
of 4.5 to 20V, the LTM4601A supports an output voltage
range of 0.6V to 5V as well as output voltage tracking
and margining. The high efficiency design delivers 12A
continuous current (14A peak). Only bulk input and output
capacitors are needed to complete the design.
The low profile (2.8mm) and light weight (1.7g) package
easily mounts on the back side of PC boards. The μModule
can be synchronized with an external clock for reducing
undesirable frequency harmonics and allows PolyPhase®
operation for high load currents.
An onboard differential remote sense amplifier can be used
to accurately regulate an output voltage independent of
load current. The onboard remote sense amplifier is not
available in the LTM4601A-1.
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
L, LT, LTC, LTM and PolyPhase are registered trademarks of Linear Technology Corporation.
μModule and UltraFast are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners. Protected by U.S. Patents including 5481178,
5847554, 6304066, 6476589, 6580258, 6677210, 6774611.
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
RUN
COMP
INTVCC
DRVCC
MPGM
TRACK/SS
PLLIN
LTM4601A
ON/OFF
R1
392k
RSET
40.2k
MARGIN
CONTROL
COUT
4601A TA01a
VOUT
1.5V
12A
CLOCK SYNC
TRACK/SS CONTROL
100pF
CIN
VIN
fSET
PGND
SGND
5% MARGIN
VIN
4.5V TO 20V
LOAD CURRENT (A)
0
50
55
65
70
75
95
4601A TA01b
60
24
6
8
10
12
14
80
85
90
0.5
1.0
2.0
4.0
1.5
2.5
3.0
3.5
12VIN
12VIN
5VIN
5VIN
EFFICIENCY
POWER LOSS


Similar Part No. - LTM4601AV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601A LINER-LTM4601A Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4601A LINER-LTM4601A Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601A LINER-LTM4601A Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601A LINER-LTM4601A Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4601A LINER-LTM4601A Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
More results

Similar Description - LTM4601AV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
12A Module Regulators with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com