Electronic Components Datasheet Search
  English  ▼

X  

LTM4601AV Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4601AV
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AV Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4601AV Datasheet HTML 19Page - Linear Technology LTM4601AV Datasheet HTML 20Page - Linear Technology LTM4601AV Datasheet HTML 21Page - Linear Technology LTM4601AV Datasheet HTML 22Page - Linear Technology LTM4601AV Datasheet HTML 23Page - Linear Technology LTM4601AV Datasheet HTML 24Page - Linear Technology LTM4601AV Datasheet HTML 25Page - Linear Technology LTM4601AV Datasheet HTML 26Page - Linear Technology LTM4601AV Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTM4601A/LTM4601A-1
23
4601afb
Figure 19. 2-Phase Parallel, 1.5V at 24A Design
APPLICATIONS INFORMATION
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601A
R1
392k
392k
R4
100k
R2
100k
VOUT
RSET
20k
C3
22μF
6.3V
C4
470μF
6.3V
VOUT
1.5V
24A
CLOCK SYNC
0 PHASE
CLOCK SYNC
180 PHASE
C6 220pF
MARGIN CONTROL
TRACK/SS CONTROL
TRACK/SS CONTROL
REFER TO
TABLE 2
REFER TO
TABLE 2
C5*
100μF
25V
C1
0.1μF
C2
10μF
25V
2
VIN
fSET
PGND
SGND
VOUT
VFB
MARG0
MARG1
VOUT_LCL
NC3
NC2
NC1
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601A-1
VIN
fSET
PGND
SGND
5%
MARGIN
LTC6908-1
VIN
4.5V TO 20V
4.5V TO 20V
PGOOD
2-PHASE
OSCILLATOR
100pF
C3
22μF
6.3V
4601A F19
C7
0.033μF
C8
10μF
25V
2
*C5 OPTIONAL TO REDUCE ANY LC RINGING.
NOT NEEDED FOR LOW INDUCTANCE PLANE CONNECTION
+
C4
470μF
6.3V
+
+
V +
GND
SET
6
5
4
1
2
3
OUT1
OUT2
MOD
VOUT = 0.6V
RSET
60.4k
N
+ RSET
N = NUMBER OF PHASES
118k
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com