Electronic Components Datasheet Search
  English  ▼

X  

LTM4601AV Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4601AV
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AV Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4601AV Datasheet HTML 13Page - Linear Technology LTM4601AV Datasheet HTML 14Page - Linear Technology LTM4601AV Datasheet HTML 15Page - Linear Technology LTM4601AV Datasheet HTML 16Page - Linear Technology LTM4601AV Datasheet HTML 17Page - Linear Technology LTM4601AV Datasheet HTML 18Page - Linear Technology LTM4601AV Datasheet HTML 19Page - Linear Technology LTM4601AV Datasheet HTML 20Page - Linear Technology LTM4601AV Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTM4601A/LTM4601A-1
17
4601afb
Table 2. Output Voltage Response Versus Component Matrix (Refer to Figure 18), 0A to 6A Load Step
TYPICAL MEASURED VALUES
COUT1 VENDORS
PART NUMBER
COUT2 VENDORS
PART NUMBER
TDK
C4532X5R0J107MZ (100μF, 6.3V)
SANYO POSCAP
6TPE330MIL (330μF, 6.3V)
TAIYO YUDEN
JMK432BJ107MU-T ( 100μF, 6.3V)
SANYO POSCAP
2R5TPE470M9 (470μF, 2.5V)
TAIYO YUDEN
JMK316BJ226ML-T501 ( 22μF, 6.3V)
SANYO POSCAP
4TPE470MCL (470μF, 4V)
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)
COUT1
(CERAMIC)
COUT2
(BULK)
CCOMP
C3
VIN
(V)
DROOP
(mV)
PEAK TO
PEAK (mV)
RECOVERY
TIME (μs)
LOAD STEP
(A/μs)
RSET
(k
Ω)
1.2
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
47pF
5
70
140
30
6
60.4
1.2
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 2.5V
NONE
100pF
5
35
70
20
6
60.4
1.2
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
22pF
5
70
140
20
6
60.4
1.2
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
100pF
5
40
93
30
6
60.4
1.2
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
100pF
12
70
140
30
6
60.4
1.2
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 2.5V
NONE
100pF
12
35
70
20
6
60.4
1.2
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
22pF
12
70
140
20
6
60.4
1.2
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
100pF
12
49
98
20
6
60.4
1.5
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
100pF
5
48
100
35
6
40.2
1.5
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 2.5V
NONE
33pF
5
54
109
30
6
40.2
1.5
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
100pF
5
44
84
30
6
40.2
1.5
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
100pF
5
61
118
30
6
40.2
1.5
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
100pF
12
48
100
35
6
40.2
1.5
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 2.5V
NONE
33pF
12
54
109
30
6
40.2
1.5
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
100pF
12
44
89
25
6
40.2
1.5
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
100pF
12
54
108
25
6
40.2
1.8
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
47pF
5
48
100
30
6
30.1
1.8
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 2.5V
NONE
100pF
5
44
90
20
6
30.1
1.8
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
100pF
5
68
140
30
6
30.1
1.8
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
100pF
5
65
130
30
6
30.1
1.8
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
100pF
12
60
120
30
6
30.1
1.8
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 2.5V
NONE
100pF
12
60
120
30
6
30.1
1.8
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
100pF
12
68
140
30
6
30.1
1.8
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
100pF
12
65
130
20
6
30.1
2.5
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 4V
NONE
100pF
5
48
103
30
6
19.1
2.5
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
220pF
5
56
113
30
6
19.1
2.5
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
NONE
5
57
116
30
6
19.1
2.5
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
100pF
5
60
115
25
6
19.1
2.5
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 4V
NONE
100pF
12
48
103
30
6
19.1
2.5
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
NONE
12
51
102
30
6
19.1
2.5
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
220pF
12
56
113
30
6
19.1
2.5
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
220pF
12
70
140
25
6
19.1
3.3
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
100pF
7
120
240
30
6
13.3
3.3
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 4V
NONE
100pF
7
110
214
30
6
13.3
3.3
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
100pF
7
110
214
30
6
13.3
3.3
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
100pF
7
114
230
30
6
13.3
3.3
2
× 10μF 25V
150μF 35V
1
× 100μF 6.3V
470μF 4V
NONE
100pF
12
110
214
30
6
13.3
3.3
2
× 10μF 25V
150μF 35V
3
× 22μF 6.3V
470μF 4V
NONE
150pF
12
110
214
35
6
13.3
3.3
2
× 10μF 25V
150μF 35V
2
× 100μF 6.3V
330μF 6.3V
NONE
100pF
12
110
214
35
6
13.3
3.3
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
100pF
12
114
230
30
6
13.3
5
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
22pF
15
188
375
25
6
8.25
5
2
× 10μF 25V
150μF 35V
4
× 100μF 6.3V
NONE
NONE
22pF
20
159
320
25
6
8.25
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com