Electronic Components Datasheet Search
  English  ▼

X  

LTM4601AV Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4601AV
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AV Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4601AV Datasheet HTML 4Page - Linear Technology LTM4601AV Datasheet HTML 5Page - Linear Technology LTM4601AV Datasheet HTML 6Page - Linear Technology LTM4601AV Datasheet HTML 7Page - Linear Technology LTM4601AV Datasheet HTML 8Page - Linear Technology LTM4601AV Datasheet HTML 9Page - Linear Technology LTM4601AV Datasheet HTML 10Page - Linear Technology LTM4601AV Datasheet HTML 11Page - Linear Technology LTM4601AV Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM4601A/LTM4601A-1
8
4601afb
Figure 1. Simplified LTM4601A/LTM4601A-1 Block Diagram
MARG1 (Pin D12): This pin is the MSB logic input for the
margining function. Together with the MARG0 pin will
determine if margin high, margin low or no margin state
is applied. The pin has an internal pull-down resistor of
50k. See Applications Information.
SGND (Pins H12, H11, G11): Signal Ground. These pins
connect to PGND at output capacitor point. See Figure 15.
COMP (Pin A11): Current Control Threshold and Error
Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. The voltage
ranges from 0V to 2.4V with 0.7V corresponding to zero
sense voltage (zero current).
PGOOD (Pins G12, F11): Output Voltage Power Good
Indicator. Open-drain logic output that is pulled to ground
when the output voltage is not within ±10% of the regula-
tion point, after a 25μs power bad mask timer expires.
RUN (Pin A10): Run Control Pin. A voltage above 1.9V
will turn on the module, and when below 1V, will turn off
the module. A programmable UVLO function can be ac-
complished with a resistor from VIN to this pin that has a
5.1V zener to ground. Maximum pin voltage is 5V. Limit
current into the RUN pin to less than 1mA.
VOUT_LCL (Pin L12): VOUT connects directly to this pin
to bypass the remote sense amplifier, or DIFFVOUT con-
nects to this pin when remote sense amplifier is used.
VOUT_LCL can be connected to VOUT on the LTM4601A-1,
VOUT is internally connected to VOUT_LCL with 50Ω in the
LTM4601A-1.
MTP1, MTP2, MPT3 (Pins C10, D10, D11 ): Extra Mounting
Pads used for increased solder integrity strength. These
pads must remain floating (electrical open circuit).
(See Package Description for Pin Assignment)
PIN FUNCTIONS
SIMPLIFIED BLOCK DIAGRAM
+
INTERNAL
COMP
SGND
COMP
PGOOD
RUN
VOUT_LCL
VIN
>1.9V = ON
<1V = OFF
MAX = 5V
MARG1
MARG0
MPGM
PLLIN
CSS
INTVCC
DRVCC
TRACK/SS
VFB
fSET
50k
39.2k
RSET
40.2k
50k
60.4k
VOUT
1M
(50Ω, LTM4601A-1)
5.1V
ZENER
POWER CONTROL
Q1
VIN
4.5V TO 20V
VOUT
1.5V
12A
Q2
10k
10k
10k
NOT INCLUDED
IN THE LTM4601A-1
VOSNS
– = NC1
VOSNS
+ = NC2
DIFFVOUT = NC3
50k
10k
INTVCC
22μF
1.5μF
CIN
+
COUT
PGND
VOSNS
–
VOSNS
+
DIFFVOUT
4601A F01
4.7μF
R1
R2
UVLO
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com