Electronic Components Datasheet Search
  English  ▼

X  

LTM4601AV Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4601AV
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AV Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4601AV Datasheet HTML 12Page - Linear Technology LTM4601AV Datasheet HTML 13Page - Linear Technology LTM4601AV Datasheet HTML 14Page - Linear Technology LTM4601AV Datasheet HTML 15Page - Linear Technology LTM4601AV Datasheet HTML 16Page - Linear Technology LTM4601AV Datasheet HTML 17Page - Linear Technology LTM4601AV Datasheet HTML 18Page - Linear Technology LTM4601AV Datasheet HTML 19Page - Linear Technology LTM4601AV Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM4601A/LTM4601A-1
16
4601afb
Figure 11. No Heat Sink 12VIN
Figure 12. BGA Heat Sink 12VIN
Figure 13. 12VIN, 3.3VOUT, No Heat Sink
Figure 14. 12VIN, 3.3VOUT, BGA Heat Sink
APPLICATIONS INFORMATION
AMBIENT TEMPERATURE (°C)
50
0
2
4
6
8
10
12
60
70
80
90
4601A F11
100
12VIN, 1.5VOUT 0LFM
12VIN, 1.5VOUT 200LFM
12VIN, 1.5VOUT 400LFM
AMBIENT TEMPERATURE (°C)
50
0
2
4
6
8
10
12
60
70
80
90
4601A F12
100
12VIN, 1.5VOUT 0LFM
12VIN, 1.5VOUT 200LFM
12VIN, 1.5VOUT 400LFM
AMBIENT TEMPERATURE (°C)
40
0
2
4
6
8
10
12
60
80
4601A F13
100
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
0
2
4
6
8
10
12
60
80
4601A F14
100
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com