Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 3Page - Linear Technology LTC1992 Datasheet HTML 4Page - Linear Technology LTC1992 Datasheet HTML 5Page - Linear Technology LTC1992 Datasheet HTML 6Page - Linear Technology LTC1992 Datasheet HTML 7Page - Linear Technology LTC1992 Datasheet HTML 8Page - Linear Technology LTC1992 Datasheet HTML 9Page - Linear Technology LTC1992 Datasheet HTML 10Page - Linear Technology LTC1992 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC1992 Family
7
1992f
Applicable to all parts in the LTC1992 family.
Differential Input Offset Voltage
vs Temperature (Note 7)
TOTAL SUPPLY VOLTAGE (V)
0
0.6
0.8
1.0
8
1992 G01
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
2
1
4
3
67
9
5
10
125°C
85°C
25°C
–40°C
TEMPERATURE (°C)
–40
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1992 G02
25
85
125
VINCM = 0V
VOCM = 0V
VS = ±1.35V
VS = ±2.5V
VS = ±5V
TEMPERATURE (°C)
–40
–5
–4
–2
–1
0
85
4
1992 G03
–3
25
125
1
2
3
VINCM = 0V
VOCM = 0V
VS = ±5V
VS = ±1.35V
VS = ±2.5V
Supply Current vs Supply Voltage
Common Mode Offset Voltage
vs Temperature
Common Mode Offset Voltage
vs VOCM Voltage
VOCM VOLTAGE (V)
0
–20
–15
–5
0
5
0.6
1.2 1.5
2.7
1992 G04
–10
0.3
0.9
1.8 2.1 2.4
125°C
85°C
25°C
–40°C
+VS = 2.7V
–VS = 0V
VINCM = 1.35V
Common Mode Offset Voltage
vs VOCM Voltage
VOCM VOLTAGE (V)
0
–5
0
5
4
1992 G05
–10
–15
–20
0.5
1
1.5
2
2.5
3
3.5
4.5
5
+VS = 5V
–VS = 0V
VINCM = 2.5V
125°C
85°C
25°C
–40°C
Common Mode Offset Voltage
vs VOCM Voltage
VOCM VOLTAGE (V)
–5
–5
0
5
3
1992 G06
–10
–15
–20
–4 –3 –2 –1
0
12
4
5
+VS = 5V
–VS = –5V
VINCM = 0V
125°C
85°C
25°C
–40°C
Output Voltage Swing
vs Output Load, VS = 2.7V
LOAD CURRENT (mA)
–20
2.50
2.60
20
1992 G07
2.40
2.30
–10
0
10
–15
–5
5
15
2.70
2.45
2.55
2.35
2.65
0.4
0.6
0.2
0
0.8
0.3
0.5
0.1
0.7
–40°C
–40°C
125°C
125°C
25°C
85°C
85°C
25°C
Output Voltage Swing
vs Output Load, VS = 5V
LOAD CURRENT (mA)
–20
20
4.50
4.55
4.65
4.70
4.75
5.00
4.85
–10
0
1992 G08
4.60
4.90
4.95
4.80
0
0.1
0.3
0.4
0.5
1.0
0.7
0.2
0.8
0.9
0.6
10
15
–15
–5
5
–40°C
–40°C
125°C
125°C
85°C
85°C
25°C
25°C
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com