Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 23Page - Linear Technology LTC1992 Datasheet HTML 24Page - Linear Technology LTC1992 Datasheet HTML 25Page - Linear Technology LTC1992 Datasheet HTML 26Page - Linear Technology LTC1992 Datasheet HTML 27Page - Linear Technology LTC1992 Datasheet HTML 28Page - Linear Technology LTC1992 Datasheet HTML 29Page - Linear Technology LTC1992 Datasheet HTML 30Page - Linear Technology LTC1992 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
LTC1992 Family
27
1992f
each employing negative feedback and using an op amp’s
differential input to create the servo’s summing junction.
One servo controls the signal gain path. The differential input
of op amp A1 creates the summing junction of this servo.
Any voltage present at the input of A1 is amplified (by the
op amp’s large open-loop gain), sent to the summing blocks
and then onto the outputs. Taking note of the signs on the
summing blocks, op amp A1’s output moves +OUT and
–OUT in opposite directions. Applying a voltage step at the
INM node increases the +OUT voltage while the –OUT volt-
age decreases. The RFB resistors connect the outputs to the
appropriate inputs establishing negative feedback and clos-
ing the servo’s loop. Any servo loop always attempts to drive
its error voltage to zero. In this servo, the error voltage is
the voltage between the INM and INP nodes, thus A1 will
force the voltages on the INP and INM nodes to be equal
(within the part’s DC offset, open loop gain and bandwidth
limits). The “virtual short” between the two inputs is con-
ceptually the same as that for op amps and is critical to un-
derstanding fully differential amplifier applications.
The other servo controls the output common mode level.
The differential input of op amp A2 creates the summing
junction of this servo. Similar to the signal gain servo
above, any voltage present at the input of A2 is amplified,
sent to the summing blocks and then onto the outputs.
However, in this case, both outputs move in the same
direction. The resistors RCMP and RCMM connect the +OUT
and –OUT outputs to A2’s inverting input establishing
negative feedback and closing the servo’s loop. The mid-
point of resistors RCMP and RCMM derives the output’s
common mode level (i.e., its average). This measure of the
output’s common mode level connects to A2’s inverting
input while A2’s noninverting input connects directly to
the VOCM pin. A2 forces the voltages on its inverting and
noninverting inputs to be equal. In other words, it forces
the output common mode voltage to be equal to the
voltage on the VOCM input pin.
For any fully differential amplifier application to function
properly both the signal gain servo and the common mode
level servo must be satisfied. When analyzing an applica-
tions circuit, the INP node voltage must equal the INM
node voltage and the output common mode voltage must
equal the VOCM voltage. If either of these servos is taken
out of the specified areas of operation (e.g., inputs taken
beyond the common mode range specifications, outputs
hitting the supply rails or input signals varying faster than
the part can track), the circuit will not function properly.
Fully Differential Amplifier Signal Conventions
Fully differential amplifiers have a multitude of signals and
signal ranges to consider. To maintain proper operation
with conventional op amps, the op amp’s inputs and its
output must not hit the supply rails and the input signal’s
common mode level must also be within the part’s speci-
fied limits. These considerations also apply to fully differ-
ential amplifiers, but here there is an additional output to
consider and common mode level shifting complicates
matters. Figure 3 provides a list of the many signals and
specifications as well as the naming convention. The
phrase “common mode” appears in many places and often
leads to confusion. The fully differential amplifier’s ability
to uncouple input and output common mode levels yields
great design flexibility, but also complicates matters some.
For simplicity, the equations in Figure 3 also assume an
ideal amplifier and perfect resistor matching. For a de-
tailed analysis, consult the fully differential amplifier appli-
cations circuit analysis section..
Basic Applications Circuits
Most fully differential amplifier applications circuits em-
ploy symmetrical feedback networks and are familiar
territory for op amp users. Symmetrical feedback net-
works require that the –VIN/+VOUT network is a mirror
image duplicate of the +VIN/–VOUT network. Each of these
half circuits is basically just a standard inverting gain op
amp circuit. Figure 4 shows three basic inverting gain op
amp circuits and their corresponding fully differential
amplifier cousins. The vast majority of fully differential
amplifier circuits derive from old tried and true inverting
op amp circuits. To create a fully differential amplifier
circuit from an inverting op amp circuit, first simply
transfer the op amp’s VIN/VOUT network to the fully differ-
ential amplifier’s –VIN/+VOUT nodes. Then, take a mirror
image duplicate of the network and apply it to the fully
differential amplifier’s +VIN/–VOUT nodes. Op amp users
can comfortably transfer any inverting op amp circuit to a
fully differential amplifier in this manner.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com