Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 3 Page - Linear Technology

  LTC1992 Datasheet HTML 1Page - Linear Technology LTC1992 Datasheet HTML 2Page - Linear Technology LTC1992 Datasheet HTML 3Page - Linear Technology LTC1992 Datasheet HTML 4Page - Linear Technology LTC1992 Datasheet HTML 5Page - Linear Technology LTC1992 Datasheet HTML 6Page - Linear Technology LTC1992 Datasheet HTML 7Page - Linear Technology LTC1992 Datasheet HTML 8Page - Linear Technology LTC1992 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC1992 Family
3
1992f
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. +VS = 5V, –VS = 0V, VINCM = VOUTCM = VOCM = 2.5V, unless otherwise
noted. VOCM is the voltage on the VOCM pin. VOUTCM is defined as (+VOUT + –VOUT)/2. VINCM is defined as (+VIN + –VIN)/2. VINDIFF is
defined as (+VIN – –VIN). VOUTDIFF is defined as (+VOUT – –VOUT). Specifications applicable to all parts in the LTC1992 family.
ELECTRICAL CHARACTERISTICS
ALL C AND I GRADE
ALL H GRADE
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VS
Supply Voltage Range
●
2.7
11
2.7
11
V
IS
Supply Current
VS = 2.7V to 5V
0.65
1.0
0.65
1.0
mA
●
0.75
1.2
0.8
1.5
mA
VS = ±5V
0.7
1.2
0.7
1.2
mA
●
0.8
1.5
0.9
1.8
mA
VOSDIFF
Differential Offset Voltage
VS = 2.7V
●
±0.25
±2.5
±0.25
±4mV
(Input Referred) (Note 7)
VS = 5V
●
±0.25
±2.5
±0.25
±4mV
VS = ±5V
●
±0.25
±2.5
±0.25
±4mV
∆VOSDIFF/∆T
Differential Offset Voltage Drift
VS = 2.7V
●
10
10
µV/°C
(Input Referred) (Note 7)
VS = 5V
●
10
10
µV/°C
VS = ±5V
●
10
10
µV/°C
PSRR
Power Supply Rejection Ratio
VS = 2.7V to ±5V
●
75
80
72
80
dB
(Input Referred) (Note 7)
GCM
Common Mode Gain(VOUTCM/VOCM)
●
11
Common Mode Gain Error
●
± 0.1
±0.3
±0.1
±0.35
%
Output Balance (∆VOUTCM/(∆VOUTDIFF)VOUTDIFF = –2V to +2V
●
–85
–60
–85
–60
dB
VOSCM
Common Mode Offset Voltage
VS = 2.7V
●
±0.5
±12
±0.5
±15
mV
(VOUTCM – VOCM)VS = 5V
●
±1
±15
±1
±17
mV
VS = ±5V
●
±2
±18
±2
±20
mV
∆VOSCM/∆T
Common Mode Offset Voltage Drift
VS = 2.7V
●
10
10
µV/°C
VS = 5V
●
10
10
µV/°C
VS = ±5V
●
10
10
µV/°C
VOUTCMR
Output Signal Common Mode Range
● (–VS)+0.5V
(+VS)–1.3V (–VS)+0.5V
(+VS)–1.3V
V
(Voltage Range for the VOCM Pin)
RINVOCM
Input Resistance, VOCM Pin
●
500
500
MΩ
IBVOCM
Input Bias Current, VOCM Pin
VS = 2.7V to ±5V
●
±2
±2pA
VMID
Voltage at the VMID Pin
●
2.44
2.50
2.56
2.43
2.50
2.57
V
VOUT
Output Voltage, High
VS = 2.7V, Load = 10k
●
2.60
2.69
2.60
2.69
V
(Note 2)
VS = 2.7V, Load = 5mA
●
2.50
2.61
2.50
2.61
V
VS = 2.7V,Load = 10mA
●
2.29
2.52
2.29
2.52
V
Output Voltage, Low
VS = 2.7V, Load = 10k
●
0.02
0.10
0.02
0.10
V
(Note 2)
VS = 2.7V, Load = 5mA
●
0.10
0.25
0.10
0.25
V
VS = 2.7V, Load = 10mA
●
0.20
0.35
0.20
0.41
V
Output Voltage, High
VS = 5V, Load = 10k
●
4.90
4.99
4.90
4.99
V
(Note 2)
VS = 5V, Load = 5mA
●
4.85
4.90
4.80
4.90
V
VS = 5V, Load = 10mA
●
4.75
4.81
4.70
4.81
V
Output Voltage, Low
VS = 5V, Load = 10k
●
0.02
0.10
0.02
0.10
V
(Note 2)
VS = 5V, Load = 5mA
●
0.10
0.25
0.10
0.30
V
VS = 5V, Load = 10mA
●
0.20
0.35
0.20
0.42
V
Output Voltage, High
VS = ±5V, Load = 10k
●
4.90
4.99
4.85
4.99
V
(Note 2)
VS = ±5V, Load = 5mA
●
4.85
4.89
4.80
4.89
V
VS = ±5V, Load = 10mA
●
4.65
4.80
4.60
4.80
V
Output Voltage, Low
VS = ±5V, Load = 10k
●
– 4.99
–4.90
–4.98
–4.85
V
(Note 2)
VS = ±5V, Load = 5mA
●
– 4.90
–4.75
–4.90
–4.75
V
VS = ±5V, Load = 10mA
●
– 4.80
–4.65
–4.80
–4.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com