Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 10Page - Linear Technology LTC1992 Datasheet HTML 11Page - Linear Technology LTC1992 Datasheet HTML 12Page - Linear Technology LTC1992 Datasheet HTML 13Page - Linear Technology LTC1992 Datasheet HTML 14Page - Linear Technology LTC1992 Datasheet HTML 15Page - Linear Technology LTC1992 Datasheet HTML 16Page - Linear Technology LTC1992 Datasheet HTML 17Page - Linear Technology LTC1992 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC1992 Family
14
1992f
Applicable to the LTC1992-1 only.
Single-Ended Input Small-Signal
Step Response
Differential Noise Voltage Density
vs Frequency
THD + Noise vs Frequency
THD + Noise vs Amplitude
1µs/DIV
1992 G55
+VS = 5V
–VS = 0V
VOCM = 2.5V
+VIN = 0V TO 200mV
–VIN = 100mV
CLOAD = 0pF
2.5V
Single-Ended Input Small-Signal
Step Response
10µs/DIV
1992 G56
+VS = 5V
–VS = 0V
VOCM = 2.5V
+VIN = 0V TO 200mV
–VIN = 100mV
CLOAD = 10000pF
CLOAD = 1000pF
2.5V
FREQUENCY (Hz)
100
–100
–60
–50
–40
1k
10k
50k
1992 G58
–70
–80
–90
500kHz MEASUREMENT BANDWIDTH
+VS = 5V
–VS = –5V
VOCM = 0V
VOUT = 1VP-PDIFF
VOUT = 2VP-PDIFF
VOUT = 10VP-PDIFF
VOUT = 5VP-PDIFF
INPUT SIGNAL AMPLITUDE (VP-PDIFF)
0.1
–100
–90
–80
–70
–60
–40
110
20
1992 G59
–50
500kHz MEASUREMENT BANDWIDTH
+VS = 5V
–VS = –5V
VOCM = 0V
50kHz
20kHz
10kHz
5kHz
2kHz
1kHz
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
100
1000
10000
1922 G57
10
1000
100
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com