Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 1 Page - Linear Technology

  LTC1992 Datasheet HTML 1Page - Linear Technology LTC1992 Datasheet HTML 2Page - Linear Technology LTC1992 Datasheet HTML 3Page - Linear Technology LTC1992 Datasheet HTML 4Page - Linear Technology LTC1992 Datasheet HTML 5Page - Linear Technology LTC1992 Datasheet HTML 6Page - Linear Technology LTC1992 Datasheet HTML 7Page - Linear Technology LTC1992 Datasheet HTML 8Page - Linear Technology LTC1992 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC1992 Family
1
1992f
■
Differential Driver/Receiver
■ Differential Amplification
■ Single-Ended to Differential Conversion
■
Level Shifting
■ Trimmed Phase Response for Multichannel Systems
■ Adjustable Gain and Fixed Gain Blocks of 1, 2, 5
and 10
■ ±0.3% (Max) Gain Error from –40°C to 85°C
■ 3.5ppm/°C Gain Temperature Coefficient
■ 5ppm Gain Long Term Stability
■
Fully Differential Input and Output
■ CLOAD Stable up to 10,000pF
■ Adjustable Output Common Mode Voltage
■
Rail-to-Rail Output Swing
■ Low Supply Current: 1mA (Max)
■ High Output Current: 10mA (Min)
■
Specified on a Single 2.7V to ±5V Supply
■ DC Offset Voltage <2.5mV (Max)
■ Available in 8-Lead MSOP Package
Low Power, Fully Differential
Input/Output
Amplifier/Driver Family
Single-Supply, Single-Ended to Differential Conversion
The LTC
®1992 product family consists of five fully differ-
ential, low power amplifiers. The LTC1992 is an uncon-
strained fully differential amplifier. The LTC1992-1,
LTC1992-2, LTC1992-5 and LTC1992-10 are fixed gain
blocks (with gains of 1, 2, 5 and 10 respectively) featuring
precision on-chip resistors for accurate and ultrastable
gain. All of the LTC1992 parts have a separate internal
common mode feedback path for outstanding output
phase balancing and reduced second order harmonics.
The VOCM pin sets the output common mode level inde-
pendent of the input common mode level. This feature
makes level shifting of signals easy.
The amplifiers’ differential inputs operate with signals
ranging from rail-to-rail with a common mode level from
the negative supply up to 1.3V from the positive supply.
The differential input DC offset is typically 250µV. The rail-
to-rail outputs sink and source 10mA. The LTC1992 is
stable for all capacitive loads up to 10,000pF.
The LTC1992 can be used in single supply applications
with supply voltages as low as 2.7V. It can also be used
with dual supplies up to ±5V. The LTC1992 is available in
an 8-pin MSOP package.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
–
–
+
+
5V
5V
LTC1992
3
6
VOCM
VMID
0V
2.5V
0V
VIN
0.01µF
1992 TA01a
4
5
2
7
8
1
10k
10k
10k
10k
5V
0V
5V
–5V
2.5V
INPUT SIGNAL
FROM A
±5V SYSTEM
OUTPUT SIGNAL
FROM A
SINGLE-SUPPLY SYSTEM
VIN
(5V/DIV)
+OUT
–OUT
(2V/DIV)
5V
0V
–5V
5V
0V
1992 TA01b
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1992 LINER-LTC1992 Datasheet
143Kb / 8P
2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1992 LINER-LTC1992 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC1992 LINER-LTC1992 Datasheet
416Kb / 24P
16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC1992 LINER-LTC1992 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC1992 LINER-LTC1992 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC1992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC1992 LINER-LTC1992_15 Datasheet
501Kb / 42P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
Fully differential input/output
14-Aug-2009
logo
Texas Instruments
THS4524-EP TI1-THS4524-EP_17 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com