Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 27Page - Linear Technology LTC1992 Datasheet HTML 28Page - Linear Technology LTC1992 Datasheet HTML 29Page - Linear Technology LTC1992 Datasheet HTML 30Page - Linear Technology LTC1992 Datasheet HTML 31Page - Linear Technology LTC1992 Datasheet HTML 32Page - Linear Technology LTC1992 Datasheet HTML 33Page - Linear Technology LTC1992 Datasheet HTML 34Page - Linear Technology LTC1992 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
LTC1992 Family
31
1992f
APPLICATIO S I FOR ATIO
and increase the frequency response peaking. Refer to the
Typical Performance plots for small-signal step response,
large-signal step response and gain over frequency to
appraise the effects of capacitive loading. While the con-
sequences are minor in most instances, consider these
effects when designing application circuits with large
capacitive loads.
Input Signal Amplitude Considerations
For application circuits to operate correctly, the amplifier
must be in its linear operating range. To be in the linear
operating range, the input signal’s common mode voltage
must be within the part’s specified limits and the rail-to-
rail outputs must stay within the supply voltage rails.
Additionally, the fixed gain LTC1992-X parts have input
protection diodes that limit the input signal to be within the
supply voltage rails. The unconstrained LTC1992 uses
external resistors allowing the source signals to go be-
yond the supply voltage rails.
When taken outside of the linear operating range, the
circuit does not perform as expected, however nothing
extreme occurs. Outputs driven into the supply voltage
rails are simply clipped. There is no phase reversal or
oscillation. Once the outputs return to the linear operating
range, there is a small recovery time, then normal opera-
tion proceeds. When the input common mode voltage is
below the specified lower limit, on-chip protection diodes
conduct and clamp the signal. Once the signal returns to
the specified operating range, normal operation proceeds.
If the input common mode voltage goes slightly above the
specified upper limit (by no more than about 500mV), the
amplifier’s open-loop gain reduces and DC offset and
closed-loop gain errors increase. Return the input back to
the specified range and normal performance commences.
If taken well above the upper limit, the amplifier’s input
stage is cut off. The gain servo is now open loop; however,
the common mode servo is still functional. Output balance
is maintained and the outputs go to opposite supply rails.
However, which output goes to which supply rail is
random. Once the input returns to the specified input
common mode range, there is a small recovery time then
normal operation proceeds.
The LTC1992’s input signal common mode range (VINCMR)
is from (–VS – 0.1V) to (+VS – 1.3V). This specification
applies to the voltage at the amplifier’s input, the INP and
INM nodes of Figure 2. The specifications for the fixed gain
LTC1992-X parts reflect a higher maximum limit as this
specification is for the entire gain block and references the
signal at the input resistors. Differential input signals and
single-ended signals require a slightly different set of
formulae. Differential signals separate very nicely into
common mode and differential components while single
ended signals do not. Refer to Figure 5 for the formulae for
calculating the available signal range. Additionally, Table 1
lists some common configurations and their appropriate
signal levels.
The LTC1992’s outputs allow rail-to-rail signal swings.
The output voltage on either output is a function of the
input signal’s amplitude, the gain configured and the
output signal’s common mode level set by the VOCM pin.
For maximum signal swing, the VOCM pin is set at the
midpoint of the supply voltages. For other applications,
such as an ADC driver, the required level must fall within
the VOCM range of (–VS + 0.5V) to (+VS – 1.3V). For single-
ended input signals, it is not always obvious which output
will clip first thus both outputs are calculated and the
minimum value determines the signal limit. Refer to
Figure 5 for the formulae and Table 1 for examples.
To ensure proper linear operation both the input common
mode level and the output signal level must be within the
specified limits. These same criteria are also present with
standard op amps. However, with a fully differential ampli-
fier, it is a bit more complex and old familiar op amp
intuition often leads to the wrong result. This is especially
true for single-ended to differential conversion with level
shifting. The required calculations are a bit tedious, but are
necessary to guarantee proper linear operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com