Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 28Page - Linear Technology LTC1992 Datasheet HTML 29Page - Linear Technology LTC1992 Datasheet HTML 30Page - Linear Technology LTC1992 Datasheet HTML 31Page - Linear Technology LTC1992 Datasheet HTML 32Page - Linear Technology LTC1992 Datasheet HTML 33Page - Linear Technology LTC1992 Datasheet HTML 34Page - Linear Technology LTC1992 Datasheet HTML 35Page - Linear Technology LTC1992 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC1992 Family
32
1992f
APPLICATIO S I FOR ATIO
–
–
+
+
RIN
INM
NODE
INP
NODE
RIN
RFB
VOCM
VOCM
A. CALCULATE VINCM MINIMUM AND MAXIMUM GIVEN RIN, RFB AND VOCM
VINCM(MAX) = (+VS – 1.3V) +
(+VS – 1.3V – VOCM)
VINCM(MIN) = (–VS – 0.1V) +
(–VS – 0.1V – VOCM)
B. WITH A KNOWN VINCM, RIN, RFB AND VOCM, CALCULATE COMMON MODE
VOLTAGE AT INP AND INM NODES (VINCM(AMP)) AND CHECK THAT IT IS
WITHIN THE SPECIFIED LIMITS.
VINCM(AMP) =
=
VINCM +
VOCM
RFB
B
B
–B
–B
–VIN
–A
–A
VINCM
VOUTCM
VINDIFF
4AVP-PDIFF
A
A
+VIN
2AVP-P
2AVP-P
2BVP-P
2BVP-P
–VOUT
+VOUT
LTC1992
VOUTDIFF
4BVP-PDIFF
1
G
1
G
4
G
4
G
VINP + VINM
2
G
G + 1
1
G + 1
Differential Input Signals
–
–
+
+
1992 F05
RIN
INM
NODE
INP
NODE
RIN
RFB
VOCM
VOCM
RFB
B
B
–B
–B
VINREF
–A
VOUTCM
VREF
A
VINSIG
2AVP-P
2BVP-P
2BVP-P
–VOUT
+VOUT
LTC1992
VOUTDIFF
4BVP-PDIFF
Single End Input Signals
INPUT COMMON MODE LIMITS
OUTPUT SIGNAL CLIPPING LIMIT
INPUT COMMON MODE LIMITS (NOTE: FOR THE FIXED GAIN LTC1992-X PARTS, VINREF AND VINSIG CANNOT EXCEED THE SUPPLIES)
OUTPUT SIGNAL CLIPPING LIMIT
OR
OR
VINDIFF(MAX)(VP-PDIFF) = THE LESSER VALUE OF
(+VS – VOCM) OR
(VOCM – –VS)
VINREF
2
1
G
VINSIG(MAX) = 2
VINSIG(MAX) = THE LESSER VALUE OF VINREF +
(+VS – VOCM) OR VINREF +
(VOCM – –VS)
+VS – 1.3V –
+VS – 1.3V – VOCM
+
((
))
VINREF
2
1
G
VINSIG(MIN) = 2
–VS – 0.1V –
–VS – 0.1V – VOCM
+
((
))
1
G
2
G
2
G
VINSIG(MIN) = THE GREATER VALUE OF VINREF +
(–VS – VOCM) OR VINREF +
(VOCM – +VS)
2
G
2
G
VINSIGP-P = 2
(+VS – –VS) – 1.2V
(+VS – –VS) – 1.2V
+
((
))
RFB
RIN
G =
RFB
RIN
G =
Figure 5. Input Signal Limitations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com