Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 26Page - Linear Technology LTC1992 Datasheet HTML 27Page - Linear Technology LTC1992 Datasheet HTML 28Page - Linear Technology LTC1992 Datasheet HTML 29Page - Linear Technology LTC1992 Datasheet HTML 30Page - Linear Technology LTC1992 Datasheet HTML 31Page - Linear Technology LTC1992 Datasheet HTML 32Page - Linear Technology LTC1992 Datasheet HTML 33Page - Linear Technology LTC1992 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
LTC1992 Family
30
1992f
APPLICATIO S I FOR ATIO
The VOCM input pin has a very high input impedance and
is easily driven by even the weakest of sources. Many
ADCs provide a voltage reference output that defines
either its common mode level or its full-scale level. Apply
the ADC’s reference potential either directly to the VOCM
pin or through a resistive voltage divider depending on the
reference voltage’s definition. When controlling the VOCM
pin by a high impedance source, connect a bypass capaci-
tor (1000pF to 0.1µF) from the VOCM pin to ground to lower
the high frequency impedance and limit external noise
coupling. Other applications will want the output biased at
a midpoint of the power supplies for maximum output
voltage swing. For these applications, the LTC1992 pro-
vides a midsupply potential at the VMID pin. The VMID pin
connects to a simple resistive voltage divider with two
200k resistors connected between the supply pins. To use
this feature, connect the VMID pin to the VOCM pin and
bypass this node with a capacitor.
One undesired effect of utilizing the level shifting function
is an increase in the differential output offset voltage due
to gain setting resistor mismatch. The offset is approxi-
mately the amount of level shift (VOUTCM – VINCM) multi-
plied by the amount of resistor mismatch. For example, a
2V level shift with 0.1% resistors will give around 2mV of
output offset (2 • 0.1% = 2mV). The exact amount of offset
is dependent on the application’s gain and the resistor
mismatch. For a detail description, consult the Fully Differ-
ential Amplifier Applications Circuit Analysis section.
CMRR and Output Balance
One common misconception of fully differential amplifiers
is that the common mode level servo guarantees an
infinite common mode rejection ratio (CMRR). This is not
true. The common mode level servo does, however, force
the two outputs to be truly complementary (i.e., exactly
opposite or 180 degrees out of phase). Output balance is
a measure of how complementary the two outputs are.
At low frequencies, CMRR is primarily determined by the
matching of the gain setting resistors. Like any op amp,
the LTC1992 does not have infinite CMRR, however resis-
tor mismatching of only 0.018%, halves the circuit’s
CMRR. Standard 1% tolerance resistors yield a CMRR of
about 40dB. For most applications, resistor matching
dominates low frequency CMRR performance. The speci-
fications for the fixed gain LTC1992-X parts include the
on-chip resistor matching effects. Also, note that an
input
common mode signal appears as a differential output
signal reduced by the CMRR. As with op amps, at higher
frequencies the CMRR degrades. Refer to the Typical
Performance plots for the details of the CMRR perfor-
mance over frequency.
At low frequencies, the output balance specification is
determined by the matching of the on-chip RCMM and
RCMP resistors. At higher frequencies, the output balance
degrades. Refer to the typical performance plots for the
details of the output balance performance over frequency.
Input Impedance
The input impedance for a fully differential amplifier appli-
cation circuit is similar to that of a standard op amp
inverting amplifier. One major difference is that the input
impedance is different for differential input signals and
single-ended signals. Referring to Figure 3, for differential
input signals the input impedance is expressed by the
following expression:
RINDIFF = 2 • RIN
For single-ended signals, the input impedance is ex-
pressed by the following expression:
R
R
R
RR
INS
IN
FB
IN
FB
-E =
+
()
1
2
–
•
The input impedance for single-ended signals is slightly
higher than the RIN value since some of the input signal is
fed back and appears as the amplifier’s input common
mode level. This small amount of positive feedback in-
creases the input impedance.
Driving Capacitive Loads
The LTC1992 family of parts is stable for all capacitive
loads up to at least 10,000pF. While stability is guaranteed,
the part’s performance is not unaffected by capacitive
loading. Large capacitive loads increase output step re-
sponse ringing and settling time, decrease the bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com