Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 14Page - Linear Technology LTC1992 Datasheet HTML 15Page - Linear Technology LTC1992 Datasheet HTML 16Page - Linear Technology LTC1992 Datasheet HTML 17Page - Linear Technology LTC1992 Datasheet HTML 18Page - Linear Technology LTC1992 Datasheet HTML 19Page - Linear Technology LTC1992 Datasheet HTML 20Page - Linear Technology LTC1992 Datasheet HTML 21Page - Linear Technology LTC1992 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
LTC1992 Family
18
1992f
Applicable to the LTC1992-5 only.
Differential Input Differential
Gain vs Frequency, VS = ±2.5V
Single-Ended Input Differential
Gain vs Frequency, VS = ±2.5V
VOCM Gain vs Frequency
Differential Gain Error vs
Temperature
Differential Phase Response vs
Frequency
Differential Input Offset Voltage
vs Input Common Mode Voltage
Differential Input Offset Voltage
vs Input Common Mode Voltage
Differential Input Offset Voltage
vs Input Common Mode Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (kHz)
10
–24
–18
–12
–6
0
100
1000
10000
1992 G82
–30
–36
–42
–60
–54
–48
6
24
12
30
18
CLOAD = 10000pF
CLOAD = 5000pF
CLOAD = 1000pF
CLOAD = 500pF
CLOAD = 100pF
CLOAD = 50pF
CLOAD = 10pF
FREQUENCY (kHz)
10
–24
–18
–12
–6
0
100
1000
10000
1992 G83
–30
–36
–42
–60
–54
–48
6
24
12
30
18
CLOAD = 10000pF
CLOAD = 5000pF
CLOAD = 1000pF
CLOAD = 500pF
CLOAD = 100pF
CLOAD = 50pF
CLOAD = 10pF
FREQUENCY (kHz)
10
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
100
1000
1992 G84
10pF
50pF
100pF
500pF
1000pF
5000pF
10000pF
CLOAD =
TEMPERATURE (°C)
–50
0.050
0.025
0
– 0.025
– 0.050
– 0.075
– 0.100
– 0.125
–01.50
0
50
75
1992 G85
–25
25
100
125
FREQUENCY (kHz)
10
–10
–5
0
5
100
1000
10000
1992 G86
–15
–20
–25
–30
CLOAD = 10pF TO 10000pF
COMMON MODE VOLTAGE (V)
0
1922 G87
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
125°C
–40°C
85°C
25°C
+VS = 2.7V
–VS = 0V
VOCM = 1.35V
COMMON MODE VOLTAGE (V)
0
1922 G88
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
125°C
–40°C
85°C
25°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
+VS = 5V
–VS = 0V
VOCM = 2.5V
COMMON MODE VOLTAGE (V)
–5
1922 G89
–4 –3 –2 –1
0
1
2
3
4
5
125°C
–40°C
25°C
85°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
+VS = 5V
–VS = –5V
VOCM = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com