Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 5 Page - Linear Technology

  LTC1992 Datasheet HTML 1Page - Linear Technology LTC1992 Datasheet HTML 2Page - Linear Technology LTC1992 Datasheet HTML 3Page - Linear Technology LTC1992 Datasheet HTML 4Page - Linear Technology LTC1992 Datasheet HTML 5Page - Linear Technology LTC1992 Datasheet HTML 6Page - Linear Technology LTC1992 Datasheet HTML 7Page - Linear Technology LTC1992 Datasheet HTML 8Page - Linear Technology LTC1992 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LTC1992 Family
5
1992f
LTC1992-1CMS8
LTC1992-1IMS8
LTC1992-1HMS8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GDIFF
Differential Gain
1
1
V/V
Differential Gain Error
●
±0.1
±0.3
±0.1
±0.35
%
Differential Gain Nonlinearity
50
50
ppm
Differential Gain Temperature Coefficient
●
3.5
3.5
ppm/°C
en
Input Referred Noise Voltage Density (Note 7) f = 1kHz
45
45
nV/√Hz
RIN
Input Resistance, Single-Ended +IN, –IN Pins
●
22.5
30
37.5
22
30
38
kΩ
VINCMR
Input Signal Common Mode Range
VS = 5V
– 0.1V to 4.9V
– 0.1V to 4.9V
V
CMRR
Common Mode Rejection Ratio
VINCM = –0.1V to 3.7V ●
55
60
55
60
dB
(Amplifier Input Referred) (Note 7)
SR
Slew Rate (Note 4)
●
0.5
1.5
0.5
1.5
V/µs
GBW
Gain-Bandwidth Product
fTEST = 180kHz
3
3
MHz
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. +VS = 5V, –VS = 0V, VINCM = VOUTCM = VOCM = 2.5V, unless otherwise
noted. VOCM is the voltage on the VOCM pin. VOUTCM is defined as (+VOUT + –VOUT)/2. VINCM is defined as (+VIN + –VIN)/2. VINDIFF is
defined as (+VIN – –VIN). VOUTDIFF is defined as (+VOUT – –VOUT). Typical values are at TA = 25°C. Specifications apply to the
LTC1992-1 only.
LTC1992-2CMS8
LTC1992-2IMS8
LTC1992-2HMS8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GDIFF
Differential Gain
2
2
V/V
Differential Gain Error
●
±0.1
±0.3
±0.1
±0.35
%
Differential Gain Nonlinearity
50
50
ppm
Differential Gain Temperature Coefficient
●
3.5
3.5
ppm/°C
en
Input Referred Noise Voltage Density (Note 7) f = 1kHz
45
45
nV/√Hz
RIN
Input Resistance, Single-Ended +IN, –IN Pins
●
22.5
30
37.5
22
30
38
kΩ
VINCMR
Input Signal Common Mode Range
VS = 5V
– 0.1V to 4.9V
– 0.1V to 4.9V
V
CMRR
Common Mode Rejection Ratio
VINCM = –0.1V to 3.7V ●
55
60
55
60
dB
(Amplifier Input Referred) (Note 7)
SR
Slew Rate (Note 4)
●
0.7
2
0.7
2
V/µs
GBW
Gain-Bandwidth Product
fTEST = 180kHz
4
4
MHz
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
+VS = 5V, –VS = 0V, VINCM = VOUTCM = VOCM = 2.5V, unless otherwise noted. VOCM is the voltage on the VOCM pin. VOUTCM is defined as
(+VOUT + –VOUT)/2. VINCM is defined as (+VIN + –VIN)/2. VINDIFF is defined as (+VIN – –VIN). VOUTDIFF is defined as (+VOUT – –VOUT).
Typical values are at TA = 25°C. Specifications apply to the LTC1992-2 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com