Electronic Components Datasheet Search
  English  ▼

X  

LTC2484CDD Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2484CDD Datasheet HTML 5Page - Linear Technology LTC2484CDD Datasheet HTML 6Page - Linear Technology LTC2484CDD Datasheet HTML 7Page - Linear Technology LTC2484CDD Datasheet HTML 8Page - Linear Technology LTC2484CDD Datasheet HTML 9Page - Linear Technology LTC2484CDD Datasheet HTML 10Page - Linear Technology LTC2484CDD Datasheet HTML 11Page - Linear Technology LTC2484CDD Datasheet HTML 12Page - Linear Technology LTC2484CDD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
LTC2484
2484fa
TYPICAL PERFOR A CE CHARACTERISTICS
Conversion Current
vs Output Data Rate
OUTPUT DATA RATE (READINGS/SEC)
0
500
450
400
350
300
250
200
150
100
80
2484 G28
20
40
60
100
70
10
30
50
90
VCC = 5V
VCC = 3V
VREF = VCC
IN+ = GND
IN– = GND
SCK = NC
SDO = NC
SDI = GND
CS GND
FO = EXT OSC
TA = 25°C
Integral Nonlinearity (2x Speed
Mode; VCC = 5V, VREF = 5V)
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–1.5
–0.5
0.5
1.5
2484 G29
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
FO = GND
25
°C, 90°C
–45
°C
Integral Nonlinearity (2x Speed
Mode; VCC = 5V, VREF = 2.5V)
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2484 G30
1.25
–1.25
VCC = 5V
VREF = 2.5V
VIN(CM) = 1.25V
FO = GND
90
°C
–45
°C, 25°C
Integral Nonlinearity (2x Speed
Mode; VCC = 2.7V, VREF = 2.5V)
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2484 G31
1.25
–1.25
VCC = 2.7V
VREF = 2.5V
VIN(CM) = 1.25V
FO = GND
90
°C
–45
°C, 25°C
Noise Histogram
(2x Speed Mode)
RMS Noise vs VREF
(2x Speed Mode)
OUTPUT READING (
µV)
179
8
10
12
186.2
2484 G32
6
4
181.4
183.8
188.6
2
0
16
14
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
GAIN = 256
TA = 25°C
RMS = 0.86
µV
AVERAGE = 0.184mV
VREF (V)
0
0.6
0.8
1.0
4
2484 G33
0.4
0.2
0
1
2
3
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
TA = 25°C
Offset Error vs VIN(CM)
(2x Speed Mode)
VIN(CM) (V)
–1
180
182
186
188
190
200
194
1
3
4
2484 G34
184
196
198
192
0
2
5
6
VCC = 5V
VREF = 5V
VIN = 0V
FO = GND
TA = 25°C
Offset Error vs Temperature
(2x Speed Mode)
TEMPERATURE (
°C)
–45
200
210
220
75
2484 G35
190
180
160
–15
15
45
–30
90
0
30
60
170
240
230
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com