Electronic Components Datasheet Search
  English  ▼

X  

LTC2484CDD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2484CDD Datasheet HTML 7Page - Linear Technology LTC2484CDD Datasheet HTML 8Page - Linear Technology LTC2484CDD Datasheet HTML 9Page - Linear Technology LTC2484CDD Datasheet HTML 10Page - Linear Technology LTC2484CDD Datasheet HTML 11Page - Linear Technology LTC2484CDD Datasheet HTML 12Page - Linear Technology LTC2484CDD Datasheet HTML 13Page - Linear Technology LTC2484CDD Datasheet HTML 14Page - Linear Technology LTC2484CDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
LTC2484
2484fa
1
9
4
5
8
7
6
3RD ORDER
∆Σ ADC
REF+
IN+
IN+
3
2
VREF
VCC
GND
IN–
IN–
REF–
SERIAL
INTERFACE
TEMP
SENSOR
MUX
SDI
CS
2484 FB
SCK
SD0
AUTOCALIBRATION
AND CONTROL
INTERNAL
OSCILLATOR
PI FU CTIO S
as CS is HIGH. A LOW-to-HIGH transition on CS during the
Data Output transfer aborts the data transfer and starts a
new conversion.
SDO (Pin 7): Three-State Digital Output. During the Data
Output period, this pin is used as the serial data output.
When the chip select CS is HIGH (CS = VCC), the SDO pin
is in a high impedance state. During the Conversion and
Sleep periods, this pin is used as the conversion status
output. The conversion status can be observed by pulling
CS LOW.
GND (Pin 8): Ground. Shared pin for analog ground,
digital ground and reference ground. Should be connected
directly to a ground plane through a minimum impedance.
SCK (Pin 9): Bidirectional Digital Clock Pin. In Internal
Serial Clock Operation mode, SCK is used as the digital
output for the internal serial interface clock during the Data
Input/Output period. In External Serial Clock Operation
mode, SCK is used as the digital input for the external
serial interface clock during the Data Output period. A weak
internal pull-up is automatically activated in Internal Serial
Clock Operation mode. The Serial Clock Operation mode is
determined by the logic level applied to the SCK pin at
power up or during the most recent falling edge of CS.
FO (Pin 10): Frequency Control Pin. Digital input that
controls the conversion clock. When FO is connected to
GND the converter uses its internal oscillator running at
307.2kHz. The conversion clock may also be overridden
by driving the FO pin with an external clock in order to
change the output rate or the digital filter rejection null.
Exposed Pad (Pin 11): This pin is ground and should be
soldered to the PCB, GND plane. For prototyping purposes
this pin may remain floating.
FU CTIO AL BLOCK DIAGRA
TEST CIRCUITS
1.69k
SDO
2484 TC01
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
1.69k
SDO
2484 TC02
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com