Electronic Components Datasheet Search
  English  ▼

X  

LTC2484CDD Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2484CDD Datasheet HTML 25Page - Linear Technology LTC2484CDD Datasheet HTML 26Page - Linear Technology LTC2484CDD Datasheet HTML 27Page - Linear Technology LTC2484CDD Datasheet HTML 28Page - Linear Technology LTC2484CDD Datasheet HTML 29Page - Linear Technology LTC2484CDD Datasheet HTML 30Page - Linear Technology LTC2484CDD Datasheet HTML 31Page - Linear Technology LTC2484CDD Datasheet HTML 32Page - Linear Technology LTC2484CDD Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
LTC2484
2484fa
Reference Current
In a similar fashion, the LTC2484 samples the differential
reference pins VREF+ and GND transferring small amount
of charge to and from the external driving circuits thus
producing a dynamic reference current. This current does
not change the converter offset, but it may degrade the
gain and INL performance. The effect of this current can be
analyzed in two distinct situations.
For relatively small values of the external reference capaci-
tors (CREF < 1nF), the voltage on the sampling capacitor
settles almost completely and relatively large values for
the source impedance result in only small errors. Such
values for CREF will deteriorate the converter offset and
gain performance without significant benefits of reference
filtering and the user is advised to avoid them.
Larger values of reference capacitors (CREF > 1nF) may be
required as reference filters in certain configurations.
Such capacitors will average the reference sampling charge
and the external source resistance will see a quasi con-
stant reference differential impedance.
In the following discussion, it is assumed the input and
reference common mode are the same. Using internal
oscillator for 60Hz mode, the typical differential refer-
ence resistance is 1M
Ω which generates a full-scale
(VREF/2) gain error of 0.51ppm for each ohm of source
resistance driving the VREF pin. For 50Hz/60Hz mode, the
related difference resistance is 1.1M
Ω and the resulting
full-scale error is 0.46ppm for each ohm of source
resistance driving the VREF pin. For 50Hz mode, the
related difference resistance is 1.2M
Ω and the resulting
full-scale error is 0.42ppm for each ohm of source
resistance driving the VREF pin. When FO is driven by an
external oscillator with a frequency fEOSC (external con-
version clock operation), the typical differential reference
resistance is 0.30 • 1012/fEOSC Ω and each ohm of source
resistance driving the VREF pin will result in 1.67 • 10–6 •
fEOSCppm gain error. The typical +FS and –FS errors for
various combinations of source resistance seen by the
VREF pin and external capacitance connected to that pin
are shown in Figures 15-18.
In addition to this gain error, the converter INL perfor-
mance is degraded by the reference source impedance.
The INL is caused by the input dependent terms
–VIN2/(VREF • REQ) – (0.5 • VREF • DT)/REQ in the reference
pin current as expressed in Figure 11. When using internal
oscillator and 60Hz mode, every 100
Ω of reference source
resistance translates into about 0.67ppm additional INL
error. When using internal oscillator and 50Hz/60Hz mode,
every 100
Ω of reference source resistance translates into
about 0.61ppm additional INL error. When using internal
oscillator and 50Hz mode, every 100
Ω of reference source
resistance translates into about 0.56ppm additional INL
error. When FO is driven by an external oscillator with a
frequency fEOSC, every 100Ω of source resistance driving
VREF translates into about 2.18 • 10–6 • fEOSCppm addi-
tional INL error. Figure 19 shows the typical INL error due
to the source resistance driving the VREF pin when large
CREF values are used. The user is advised to minimize the
source impedance driving the VREF pin.
In applications where the reference and input common
mode voltages are different, extra errors are introduced.
For every 1V of the reference and input common mode
voltage difference (VREFCM – VINCM) and a 5V reference,
each Ohm of reference source resistance introduces an
extra (VREFCM – VINCM)/(VREF • REQ) full-scale gain error,
which is 0.074ppm when using internal oscillator and
60Hz mode. When using internal oscillator and 50Hz/60Hz
mode, the extra full-scale gain error is 0.067ppm. When
using internal oscillator and 50Hz mode, the extra gain
error is 0.061ppm. If an external clock is used, the corre-
sponding extra gain error is 0.24 • 10–6 • fEOSCppm.
The magnitude of the dynamic reference current depends
upon the size of the very stable internal sampling capaci-
tors and upon the accuracy of the converter sampling
clock. The accuracy of the internal clock over the entire
temperature and power supply range is typically better
than 0.5%. Such a specification can also be easily achieved
by an external clock. When relatively stable resistors
(50ppm/
°C) are used for the external source impedance
seen by VREF+ and GND, the expected drift of the dynamic
current gain error will be insignificant (about 1% of its
value over the entire temperature and voltage range). Even
for the most stringent applications a one-time calibration
operation may be sufficient.
In addition to the reference sampling charge, the reference
pins ESD protection diodes have a temperature dependent
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com