Electronic Components Datasheet Search
  English  ▼

X  

LTC2484CDD Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2484CDD Datasheet HTML 15Page - Linear Technology LTC2484CDD Datasheet HTML 16Page - Linear Technology LTC2484CDD Datasheet HTML 17Page - Linear Technology LTC2484CDD Datasheet HTML 18Page - Linear Technology LTC2484CDD Datasheet HTML 19Page - Linear Technology LTC2484CDD Datasheet HTML 20Page - Linear Technology LTC2484CDD Datasheet HTML 21Page - Linear Technology LTC2484CDD Datasheet HTML 22Page - Linear Technology LTC2484CDD Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19
LTC2484
2484fa
When using the internal temperature sensor, if the output
code is normalized to RSDO = VPTAT/VREF, the temperature
is calculated using the following formula:
T
RV
SLOPE
T
RV
SLOPE
K
SDO
REF
C
SDO
REF
=
=°
•
•
–
in Kelvin
and
in C
273
where SLOPE is nominally 1.4mV/
°C
Since the PTAT signal can have an initial value variation
which results in errors in SLOPE, to achieve better tem-
perature measurements, a one-time calibration is needed
to adjust the SLOPE value. The converter output of the
PTAT signal, R0SDO, is measured at a known temperature
T0 (in
°C) and the SLOPE is calculated as:
SLOPE
RV
T
SDO
REF
=
+
0
0 273
•
This calibrated SLOPE can be used to calculate the
temperature.
If the same VREF source is used during calibration and
temperature measurement, the actual value of the VREF is
not needed to measure the temperature as shown in the
calculation below:
T
RV
SLOPE
R
R
T
C
SDO
REF
SDO
SDO
=
=+
()
•
–
•–
273
0
0
273
273
Reference Voltage Range
The LTC2484 external reference voltage range is 0.1V to
VCC. The converter output noise is determined by the
thermal noise of the front-end circuits, and as such, its
value in nanovolts is nearly constant with reference volt-
age. A reduced reference voltage will improve the con-
verter performance when operated with an external con-
version clock (external FO signal) at substantially higher
output data rates (see the Output Data Rate section). VREF
must be
≥1.1V to use the internal temperature sensor.
The negative reference input to the converter is internally
tied to GND. GND (Pin 8) should be connected to a ground
plane through as short a trace as possible to minimize
voltage drop. The LTC2484 has an average operational
current of 160
µA and for 0.1Ω parasitic resistance, the
voltage drop of 16
µV causes a gain error of 3.2ppm for
VREF = 5V.
Input Voltage Range
The analog input is truly differential with an absolute/
common mode range for the IN+ and IN– input pins
extending from GND – 0.3V to VCC + 0.3V. Outside
these limits, the ESD protection devices begin to turn on
and the errors due to input leakage current increase
rapidly. Within these limits, the LTC2484 converts the
bipolar differential input signal, VIN = IN+ – IN–, from
– FS to +FS where FS = 0.5 • VREF. Outside this range, the
converter indicates the overrange or the underrange con-
dition using distinct output codes. Since the differential
input current cancellation does not rely on an on-chip
buffer, current cancellation as well as DC performance is
maintained rail-to-rail.
Input signals applied to IN+ and IN– pins may extend by
300mV below ground and above VCC. In order to limit any
fault current, resistors of up to 5k may be added in series
with the IN+ and IN– pins without affecting the perfor-
mance of the devices. The effect of the series resistance on
the converter accuracy can be evaluated from the curves
presented in the Input Current/Reference Current sec-
tions. In addition, series resistors will introduce a tem-
perature dependent offset error due to the input leakage
current. A 1nA input leakage current will develop a 1ppm
offset error on a 5k resistor if VREF = 5V. This error has a
very strong temperature dependency.
APPLICATIO S I FOR ATIO
Figure 4. Internal PTAT Signal vs Temperature
TEMPERATURE (
°C)
–60
500
600
120
2484 F04
400
200
30
090
–30
60
300
VCC = 5V
IM = 1
FO = GND
SLOPE = 1.40mV/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com