Electronic Components Datasheet Search
  English  ▼

X  

LTC2484CDD Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2484CDD Datasheet HTML 14Page - Linear Technology LTC2484CDD Datasheet HTML 15Page - Linear Technology LTC2484CDD Datasheet HTML 16Page - Linear Technology LTC2484CDD Datasheet HTML 17Page - Linear Technology LTC2484CDD Datasheet HTML 18Page - Linear Technology LTC2484CDD Datasheet HTML 19Page - Linear Technology LTC2484CDD Datasheet HTML 20Page - Linear Technology LTC2484CDD Datasheet HTML 21Page - Linear Technology LTC2484CDD Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
LTC2484
2484fa
Ease of Use
The LTC2484 data output has no latency, filter settling
delay or redundant data associated with the conversion
cycle. There is a one-to-one correspondence between the
conversion and the output data. Therefore, multiplexing
multiple analog voltages is easy.
The LTC2484 performs offset and full-scale calibrations
every conversion cycle. This calibration is transparent to
the user and has no effect on the cyclic operation described
above. The advantage of continuous calibration is extreme
stability of offset and full-scale readings with respect to time,
supply voltage change and temperature drift.
Power-Up Sequence
The LTC2484 automatically enters an internal reset
state when the power supply voltage VCC drops below
approximately 2V. This feature guarantees the integrity of
the conversion result and of the serial interface mode
selection.
When the VCC voltage rises above this critical threshold,
the converter creates an internal power-on-reset (POR)
signal with a duration of approximately 4ms. The POR
signal clears all internal registers. Following the POR
signal, the LTC2484 starts a normal conversion cycle and
follows the succession of states described in Figure 1. The
first conversion result following POR is accurate within the
specifications of the device if the power supply voltage is
restored within the operating range (2.7V to 5.5V) before
the end of the POR time interval.
On-Chip Temperature Sensor
The LTC2484 contains an on-chip PTAT (proportional to
absolute temperature) signal that can be used as a
temperature sensor. The internal PTAT has a typical value
of 420mV at 27
°C and is proportional to the absolute tem-
perature value with a temperature coefficient of
420/(27 + 273) = 1.40mV/
°C (SLOPE), as shown in Figure
4. The internal PTAT signal is used in a single-ended mode
referenced to device ground internally. The 1x speed mode
with automatic offset calibration is automatically selected
for the internal PTAT signal measurement as well.
APPLICATIO S I FOR ATIO
Table 4. LTC2484 State Duration
STATE
OPERATING MODE
DURATION
CONVERT
Internal Oscillator
60Hz Rejection
133ms, Output Data Rate
≤ 7.5 Readings/s for 1x Speed Mode
67ms, Output Data Rate
≤ 15 Readings/s for 2x Speed Mode
50Hz Rejection
160ms, Output Data Rate
≤ 6.2 Readings/s for 1x Speed Mode
80ms, Output Data Rate
≤ 12.5 Readings/s for 2x Speed Mode
50Hz/60Hz Rejection
147ms, Output Data Rate
≤ 6.8 Readings/s for 1x Speed Mode
73.6ms, Output Data Rate
≤ 13.6 Readings/s for 2x Speed Mode
External Oscillator
FO = External Oscillator
41036/fEOSCs, Output Data Rate ≤ fEOSC/41036 Readings/s for
with Frequency fEOSC kHz
1x Speed Mode
(fEOSC/5120 Rejection)
20556/fEOSCs, Output Data Rate ≤ fEOSC/20556 Readings/s for
2x Speed Mode
SLEEP
As Long As CS = HIGH, After a Conversion is Complete
DATA OUTPUT
Internal Serial Clock
FO = LOW/HIGH
As Long As CS = LOW But Not Longer Than 0.83ms
(Internal Oscillator)
(32 SCK Cycles)
FO = External Oscillator with
As Long As CS = LOW But Not Longer Than 256/fEOSCms
Frequency fEOSC kHz
(32 SCK Cycles)
External Serial Clock with
As Long As CS = LOW But Not Longer Than 32/fSCKms
Frequency fSCK kHz
(32 SCK Cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com