Electronic Components Datasheet Search
  English  ▼

X  

LTC2484CDD Datasheet(PDF) 40 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC2484CDD Datasheet HTML 32Page - Linear Technology LTC2484CDD Datasheet HTML 33Page - Linear Technology LTC2484CDD Datasheet HTML 34Page - Linear Technology LTC2484CDD Datasheet HTML 35Page - Linear Technology LTC2484CDD Datasheet HTML 36Page - Linear Technology LTC2484CDD Datasheet HTML 37Page - Linear Technology LTC2484CDD Datasheet HTML 38Page - Linear Technology LTC2484CDD Datasheet HTML 39Page - Linear Technology LTC2484CDD Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
40
LTC2484
2484fa
LT 0307 REV A • PRINTED IN THE USA
TYPICAL APPLICATIO
Figure 44. Complete Type K Thermocouple Meter
PART NUMBER
DESCRIPTION
COMMENTS
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/
°C Drift
LT1460
Micropower Series Reference
0.075% Max Initial Accuracy, 10ppm/
°C Max Drift
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2401/LTC2402
1-/2-Channel, 24-Bit, No Latency
∆Σ ADCs in MSOP
0.6ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
∆Σ ADCs
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
with Differential Inputs
LTC2410
24-Bit, No Latency
∆Σ ADC with Differential Inputs
0.8
µVRMS Noise, 2ppm INL
LTC2411/LTC2411-1 24-Bit, No Latency
∆Σ ADCs with Differential Inputs in MSOP
1.45
µVRMS Noise, 4ppm INL,
Simultaneous 50Hz/60Hz Rejection (LTC2411-1)
LTC2413
24-Bit, No Latency
∆Σ ADC with Differential Inputs
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2415/
24-Bit, No Latency
∆Σ ADCs with 15Hz Output Rate
Pin Compatible with the LTC2410
LTC2415-1
LTC2414/LTC2418
8-/16-Channel 24-Bit, No Latency
∆Σ ADCs
0.2ppm Noise, 2ppm INL, 3ppm Total Unadjusted Errors 200
µA
LTC2420
20-Bit, No Latency
∆Σ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2430/LTC2431
20-Bit, No Latency
∆Σ ADCs with Differential Inputs
2.8
µV Noise, SSOP-16/MSOP Package
LTC2435/LTC2435-1 20-Bit, No Latency
∆Σ ADCs with 15Hz Output Rate
3ppm INL, Simultaneous 50Hz/60Hz Rejection
LTC2440
High Speed, Low Noise 24-Bit
∆Σ ADC
3.5kHz Output Rate, 200mV Noise, 24.6 ENOBs
LTC2480
16-Bit, No Latency
∆Σ ADC with PGA/Temperature Sensor
Pin Compatible with LTC2484
LTC2482
16-Bit, No Latency
∆Σ ADC
Pin Compatible with LTC2484
RELATED PARTS
CS
SCK
SDO
SDI
FO
6
9
7
1
10
18
17
16
15
14
13
12
11
28
27
26
25
24
23
22
21
7
6
5
4
3
2
VCC
5V
LTC2484
REF
GND
IN–
IN+
3
ISOTHERMAL
2
C7
0.1
µF
C8
1
µF
C6
0.1
µF
4
R2
2k
5
TYPE K
THERMOCOUPLE
JACK
(OMEGA MPJ-K-F)
5V
5V
11
8
GND
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
RA5
RA4
RA3
RA2
RA1
RA0
VDD
OSC1
OSC2
MCLR
20
9
10
1
5V
5V
Y1
6MHz
R1
10k
D1
BAT54
VSS
9
2484 F44
VSS
19
PIC16F73
D7
D6
D5
D4
EN
RW
RS
R5
10k
R4
10k
R3
10k
R6
5k
2
1
3
2
1
5V
CALIBRATE
CONTRAST
GND D0
VCC
D1 D2 D3
2
× 16 CHARACTER
LCD DISPLAY
(OPIREX DMC162488
OR SIMILAR)
DOWN
UP
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com