Electronic Components Datasheet Search
  English  ▼

X  

LTC2484CDD Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2484CDD Datasheet HTML 13Page - Linear Technology LTC2484CDD Datasheet HTML 14Page - Linear Technology LTC2484CDD Datasheet HTML 15Page - Linear Technology LTC2484CDD Datasheet HTML 16Page - Linear Technology LTC2484CDD Datasheet HTML 17Page - Linear Technology LTC2484CDD Datasheet HTML 18Page - Linear Technology LTC2484CDD Datasheet HTML 19Page - Linear Technology LTC2484CDD Datasheet HTML 20Page - Linear Technology LTC2484CDD Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
17
LTC2484
2484fa
Conversion Clock
A major advantage the delta-sigma converter offers over
conventional type converters is an on-chip digital filter
(commonly implemented as a SINC or Comb filter). For high
resolution, low frequency applications, this filter is typically
designed to reject line frequencies of 50Hz or 60Hz plus their
harmonics. The filter rejection performance is directly
related to the accuracy of the converter system clock.
The LTC2484 incorporates a highly accurate on-chip
oscillator. This eliminates the need for external frequency
setting components such as crystals or oscillators.
Frequency Rejection Selection (FO)
The LTC2484 internal oscillator provides better than 110dB
normal mode rejection at the line frequency and all its
harmonics (up to the 255th) for 50Hz
±2% or 60Hz ±2%,
or better than 87dB normal mode rejection from 48Hz to
62.4Hz. The rejection mode is selected by writing to the
on-chip configuration register and the default mode at
POR is simultaneous 50Hz/60Hz rejection.
When a fundamental rejection frequency different from
50Hz or 60Hz is required or when the converter must be
synchronized with an outside source, the LTC2484 can
operate with an external conversion clock. The converter
automatically detects the presence of an external clock
signal at the FO pin and turns off the internal oscillator. The
frequency fEOSC of the external signal must be at least
10kHz to be detected. The external clock signal duty cycle
is not significant as long as the minimum and maximum
specifications for the high and low periods tHEO and tLEO
are observed.
Whenever an external clock is not present at the FO pin, the
converter automatically activates its internal oscillator and
enters the Internal Conversion Clock mode. The LTC2484
operation will not be disturbed if the change of conversion
clock source occurs during the sleep state or during the
data output state while the converter uses an external
serial clock. If the change occurs during the conversion
state, the result of the conversion in progress may be
outside specifications but the following conversions will
not be affected. If the change occurs during the data output
state and the converter is in the Internal SCK mode, the
serial clock duty cycle may be affected but the serial data
stream will remain valid.
Table 4 summarizes the duration of each state and the
achievable output data rate as a function of FO.
APPLICATIO S I FOR ATIO
Figure 3. LTC2484 Normal Mode Rejection When Using
an External Oscillator
DIFFERENTIAL INPUT SIGNAL FREQUENCY
DEVIATION FROM NOTCH FREQUENCY fEOSC/5120(%)
–12
–8
–4
048
12
2484 F03
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140
While operating with an external conversion clock of a
frequency fEOSC, the LTC2484 provides better than 110dB
normal mode rejection in a frequency range of fEOSC/5120
±4% and its harmonics. The normal mode rejection as a
function of the input frequency deviation from fEOSC/5120
is shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com