Electronic Components Datasheet Search
  English  ▼

X  

LTC2484CDD Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2484CDD Datasheet HTML 23Page - Linear Technology LTC2484CDD Datasheet HTML 24Page - Linear Technology LTC2484CDD Datasheet HTML 25Page - Linear Technology LTC2484CDD Datasheet HTML 26Page - Linear Technology LTC2484CDD Datasheet HTML 27Page - Linear Technology LTC2484CDD Datasheet HTML 28Page - Linear Technology LTC2484CDD Datasheet HTML 29Page - Linear Technology LTC2484CDD Datasheet HTML 30Page - Linear Technology LTC2484CDD Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27
LTC2484
2484fa
Automatic Differential Input Current Cancellation
In applications where the sensor output impedance is low
(up to 10k
Ω with no external bypass capacitor or up to
500
Ω with 0.001µF bypass), complete settling of the input
occurs. In this case, no errors are introduced and direct
digitization of the sensor is possible.
For many applications, the sensor output impedance com-
bined with external bypass capacitors produces RC time
constants much greater than the 580ns required for 1ppm
accuracy. For example, a 10k
Ω bridge driving a 0.1µF
bypass capacitor has a time constant an order of magni-
tude greater than the required maximum. Historically,
settling issues were solved using buffers. These buffers
led to increased noise, reduced DC performance (Offset/
Drift), limited input/output swing (cannot digitize signals
near ground or VCC), added system cost and increased
power. The LTC2484 uses a proprietary switching algo-
rithm that forces the average differential input current to
zero independent of external settling errors. This allows
accurate direct digitization of high impedance sensors
without the need for buffers. Additional errors resulting
from mismatched leakage currents must also be taken into
account.
The switching algorithm forces the average input current
on the positive input (IIN+) to be equal to the average input
current on the negative input (IIN–). Over the complete
conversion cycle, the average differential input current
(IIN+ – IIN–) is zero. While the differential input current is
zero, the common mode input current (IIN++ IIN–)/2 is
proportional to the difference between the common mode
input voltage (VINCM) and the common mode reference
voltage (VREFCM).
In applications where the input common mode voltage is
equal to the reference common mode voltage, as in the
case of a balance bridge type application, both the differ-
ential and common mode input current are zero. The
accuracy of the converter is unaffected by settling errors.
Mismatches in source impedances between IN+ and IN–
also do not affect the accuracy.
In applications where the input common mode voltage is
constant but different from the reference common mode
voltage, the differential input current remains zero while
the common mode input current is proportional to the
difference between VINCM and VREFCM. For a reference
common mode of 2.5V and an input common mode of
1.5V, the common mode input current is approximately
0.74
µA (in simultaneous 50Hz/60Hz rejection mode). This
common mode input current has no effect on the accuracy
if the external source impedances tied to IN+ and IN– are
matched. Mismatches in these source impedances lead to
a fixed offset error but do not affect the linearity or full-
scale reading. A 1% mismatch in 1k
Ω source resistances
leads to a 15ppm shift (74
µV) in offset voltage.
APPLICATIO S I FOR ATIO
Figure 11. LTC2484 Equivalent Analog Input Circuit
VREF
+
VIN
+
VCC
RSW (TYP)
10k
ILEAK
ILEAK
VCC
ILEAK
ILEAK
VCC
RSW (TYP)
10k
CEQ
12pF
(TYP)
RSW (TYP)
10k
ILEAK
IIN
+
VIN
–
IIN
–
IREF
+
IREF
–
2484 F11
ILEAK
VCC
ILEAK
ILEAK
SWITCHING FREQUENCY
fSW = 123kHz INTERNAL OSCILLATOR
fSW = 0.4 • fEOSC EXTERNAL OSCILLATOR
GND
RSW (TYP)
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com