Electronic Components Datasheet Search
  English  ▼

X  

PCI1450 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI1450 Datasheet HTML 35Page - Texas Instruments PCI1450 Datasheet HTML 36Page - Texas Instruments PCI1450 Datasheet HTML 37Page - Texas Instruments PCI1450 Datasheet HTML 38Page - Texas Instruments PCI1450 Datasheet HTML 39Page - Texas Instruments PCI1450 Datasheet HTML 40Page - Texas Instruments PCI1450 Datasheet HTML 41Page - Texas Instruments PCI1450 Datasheet HTML 42Page - Texas Instruments PCI1450 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
The first byte of each capability register block is required to be a unique ID of that capability. PCI power
management has been assigned an ID of 01h. The next byte is a pointer to the next pointer item in the list of
capabilities. If there are no more items in the list, then the next item pointer should be set to 0. The registers
following the next item pointer are specific to the function’s capability. The PCIPM capability implements the
following register block:
Power Management Register Block
Power Management Capabilities (PMC)
Next Item Pointer
Capability ID
Offset = 0
Data
PMCSR Bridge
Support Extensions
Power Management Control Status (CSR)
Offset = 4
The
power management capabilities (PMC) register is a static read-only register that provides information on
the capabilities of the function, related to power management. The PMCSR register enables control of power
management states and enables/monitors power management events. The data register is an optional register
that provides a mechanism for state-dependent power measurements such as power consumed or heat
dissipation.
CardBus device class power management
The
PCI Bus Interface Specification for PCI-to-CardBus Bridges was approved by PCMCIA in December of
1997. This specification follows the device and bus state definitions provided in the
PCI Bus Power
Management Interface Specification published by the PCI Special Interest Group (SIG). The main issue
addressed in the
PCI Bus Interface Specification for PCI-to-CardBus Bridges is wake-up from D3hot or D3cold
without losing wake-up context (also called PME context).
The specific issues addressed by the
PCI Bus Interface Specification for PCI-to-CardBus Bridges for D3 wake
up are as follows:
D Preservation of device context: The PCI Power Management Specification version 1.0 states that PRST
must be asserted when transitioning from D3cold to D0. Some method to preserve wake-up context must
be implemented so that PRST does not clear the PME context registers.
D Power source in D3cold if wake-up support is required from this state.
The Texas Instruments PCI1450 addresses these D3 wake-up issues in the following manner:
D Preservation of device context: When PRST is asserted, bits required to preserve PME context are not
cleared. To clear all bits in the PCI1450, another reset pin is defined: G_RST (global reset). G_RST is
normally only asserted during the initial power-on sequence. After the initial boot, PRST should be asserted
so that PME context is retained for D3-to-D0 transitions. Bits cleared by G_RST, but not cleared by PRST
(if the PME enable bit is set), are referred to as PME context bits. Please refer to the master list of PME
context bits in the next section.
D Power source in D3cold if wake-up support is required from this state. Since VCC is removed in D3cold, an
auxiliary power source must be switched to the PCI1450 VCC pins. This switch should be a make before
break type of switch, so that VCC to the PCI1450 is not interrupted.
master list of PME context bits and global reset only bits
PME context bit means that the bit is cleared only by the assertion of G_RST when the PME enable bit is set
(PCI offset A4h, bit 8). If PME is not enabled, then these bits are cleared when either PRST or G_RST is
asserted.
Global reset only bits, as the name implies, are only cleared by G_RST. These bits are never cleared by PRST
regardless of the setting of the PME enable bit. (PCI offset A4h, bit 8). The G_RST signal is gated only by the
SUSPEND signal. This means that assertion of SUSPEND blocks the G_RST signal internally, thus preserving
all register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com