Electronic Components Datasheet Search
  English  ▼

X  

PCI1450 Datasheet(PDF) 23 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCI1450 Datasheet HTML 19Page - Texas Instruments PCI1450 Datasheet HTML 20Page - Texas Instruments PCI1450 Datasheet HTML 21Page - Texas Instruments PCI1450 Datasheet HTML 22Page - Texas Instruments PCI1450 Datasheet HTML 23Page - Texas Instruments PCI1450 Datasheet HTML 24Page - Texas Instruments PCI1450 Datasheet HTML 25Page - Texas Instruments PCI1450 Datasheet HTML 26Page - Texas Instruments PCI1450 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
I/O characteristics
Figure 3 shows a 3-state bidirectional buffer illustration for reference. The table,
recommended operating
conditions provides the electrical characteristics of the inputs and outputs. The PCI1450 meets the ac
specifications of the PC Card 95 Standard and the PCI Bus 2.1 specifications.
Tied for Open Drain
OE
Pad
VCCP
Figure 3. 3-State Bidirectional Buffer
clamping rail splits
The I/O sites can be pulled through a clamping diode to a power rail for protection. The core power supply is
independent of the clamping rails. The clamping (protection) diodes are required if the signaling environment
on an I/O is system dependent. For example, PCI signaling can be either 3.3 Vdc or 5.0 Vdc, and the PCI1450
must reliably accommodate both voltage levels. This is accomplished by using a 3.3-V buffer with tolerance
(protection) at VCCP. If a system design requires a 5.0-V PCI bus, then the VCCP would be connected to the
5.0-V power supply.
A standard die has only one clamping rail for the sites as shown in Figure 3. After the terminal assignments
are fixed, the fabrication facility will support a design by splitting the clamping rail for customization. The
PCI1450 requires five separate clamping rails since it supports a wide range of features. The five rails are listed
and defined in the table,
recommended operating conditions.
PCI interface
This section describes the PCI interface of the PCI1450, and how the device responds and participates in PCI
bus cycles. The PCI1450 provides all required signals for PCI master/slave devices, and may operate in either
5-V or 3.3-V PCI signaling environments by connecting the VCCP terminals to the desired signaling level.
PCI bus lock (LOCK)
The bus locking protocol defined in the PCI Specification is not highly recommended, but is provided on the
PCI1450 as an additional compatibility feature. The PCI LOCK terminal is multiplexed with GPIO2, and the
terminal function defaults to a general-purpose input (GPI). The use of LOCK is only supported by
PCI-to-CardBus bridges in the downstream direction (away from the processor).
PCI LOCK indicates an atomic operation that may require multiple transactions to complete. When LOCK is
asserted, nonexclusive transactions may proceed to an address that is not currently locked. A grant to start
a transaction on the PCI bus does not guarantee control of LOCK; control of LOCK is obtained under its own
protocol. It is possible for different initiators to use the PCI bus while a single master retains ownership of LOCK.
To avoid confusion with the PCI bus clock, the CardBus signal for this protocol is CBLOCK.
An agent may need to do an exclusive operation because a critical memory access to memory might be broken
into several transactions, but the master wants exclusive rights to a region of memory. The granularity of the
lock is defined by PCI to be 16 bytes aligned. The lock protocol defined by PCI allows a resource lock without
interfering with nonexclusive, real-time data transfer, such as video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com