Electronic Components Datasheet Search
  English  ▼

X  

PCI1450 Datasheet(PDF) 77 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCI1450 Datasheet HTML 73Page - Texas Instruments PCI1450 Datasheet HTML 74Page - Texas Instruments PCI1450 Datasheet HTML 75Page - Texas Instruments PCI1450 Datasheet HTML 76Page - Texas Instruments PCI1450 Datasheet HTML 77Page - Texas Instruments PCI1450 Datasheet HTML 78Page - Texas Instruments PCI1450 Datasheet HTML 79Page - Texas Instruments PCI1450 Datasheet HTML 80Page - Texas Instruments PCI1450 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
77
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
capability ID register
Bit
7
6
5
4
3
2
1
0
Name
Capability ID
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
Register:
Capability ID
Type:
Read-only
Offset:
A0h
Default:
01h
Description: This register identifies the linked list item as the register for PCI power management. The
register returns 01h when read, which is the unique ID assigned by the PCI SIG for the PCI
location of the capabilities pointer and the value.
next item pointer register
Bit
7
6
5
4
3
2
1
0
Name
Next item pointer
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
Next item pointer
Type:
Read-only
Offset:
A1h
Default:
00h
Description: The contents of this register indicate the next item in the linked list of the PCI power
management capabilities. Since the PCI1450 functions only include one capabilities item, this
register returns 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com