Electronic Components Datasheet Search
  English  ▼

X  

PCI1450 Datasheet(PDF) 93 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 93 Page - Texas Instruments

Back Button PCI1450 Datasheet HTML 89Page - Texas Instruments PCI1450 Datasheet HTML 90Page - Texas Instruments PCI1450 Datasheet HTML 91Page - Texas Instruments PCI1450 Datasheet HTML 92Page - Texas Instruments PCI1450 Datasheet HTML 93Page - Texas Instruments PCI1450 Datasheet HTML 94Page - Texas Instruments PCI1450 Datasheet HTML 95Page - Texas Instruments PCI1450 Datasheet HTML 96Page - Texas Instruments PCI1450 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
93
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA I/O window control register (Index 07h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA I/O window control
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA I/O window control
Type:
Read/Write
Offset:
CardBus Socket Address + 807h:
Card A ExCA Offset 07h
Card B ExCA Offset 47h
Default:
00h
Description: This register contains parameters related to I/O window sizing and cycle timing.
Table 55. ExCA I/O Window Control Register Description
BIT
TYPE
FUNCTION
7
R/W
WAITSTATE1. I/O window 1 wait-state. This bit controls the I/O window 1 wait-state for 16-bit I/O accesses. This bit has
no effect on 8-bit accesses. This wait-state timing emulates the ISA wait-state used by the 82365SL-DF.
This bit is encoded as:
0 = 16-bit cycles have standard length (default)
1 = 16-bit cycles extended by one equivalent ISA wait state
6
R/W
ZEROWS1. I/O window 1 zero wait-state. This bit controls the I/O window 1 wait-state for 8-bit I/O accesses.
NOTE: This bit has no effect on 16-bit accesses. This wait-state timing emulates the ISA wait-state used by the 82365SL-DF.
0 = 8-bit cycles have standard length (default)
1 = 8-bit cycles reduced to equivalent of three ISA cycles
5
R/W
IOSIS16W1. I/O window 1 IOIS16 source. This bit controls the I/O window automatic data sizing feature which used the
IOIS16 signal from the PC Card to determine the data width of the I/O data transfer.
0 = Data width determined by DATASIZE1, bit 4 (default)
1 = Window data width determined by IOIS16
4
R/W
DATASIZE1. I/O window 1 data size. This bit controls the I/O window 1 data size. This bit is ignored if the I/O window 1 IOIS16
source bit (bit 5) is set. This bit is encoded as:
0 = Window data width is 8 bits (default)
1 = Window data width is 16 bits
3
R/W
WAITSTATE0. I/O window 0 wait-state. This bit controls the I/O window 0 wait-state for 16-bit I/O accesses. This bit has
no effect on 8-bit accesses. This wait-state timing emulates the ISA wait-state used by the 82365SL-DF.
This bit is encoded as:
0 = 16-bit cycles have standard length (default)
1 = 16-bit cycles extended by one equivalent ISA wait state
2
R/W
ZEROWS0. I/O window 0 zero wait-state. This bit controls the I/O window 0 wait-state for 8-bit I/O accesses.
NOTE: This bit has no effect on 16-bit accesses. This wait-state timing emulates the ISA wait-state used by the 82365SL-DF.
0 = 8-bit cycles have standard length (default)
1 = 8-bit cycles reduced to equivalent of three ISA cycles
1
R/W
IOIS16W0. I/O window 0 IOIS16 source. This bit controls the I/O window automatic data sizing feature which used the
IOIS16 signal from the PC Card to determine the data width of the I/O data transfer.
0 = Data width determined by DATASIZE0, bit 0 (default)
1 = Window data width determined by IOIS16
0
R/W
DATASIZE0. I/O window 0 data size. This bit controls the I/O window 1 data size. This bit is ignored if the I/O window 1 IOIS16
Source bit (bit 1) is set. This bit is encoded as:
0 = Window data width is 8 bits (default)
1 = Window data width is 16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com