Electronic Components Datasheet Search
  English  ▼

X  

PCI1450 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCI1450 Datasheet HTML 23Page - Texas Instruments PCI1450 Datasheet HTML 24Page - Texas Instruments PCI1450 Datasheet HTML 25Page - Texas Instruments PCI1450 Datasheet HTML 26Page - Texas Instruments PCI1450 Datasheet HTML 27Page - Texas Instruments PCI1450 Datasheet HTML 28Page - Texas Instruments PCI1450 Datasheet HTML 29Page - Texas Instruments PCI1450 Datasheet HTML 30Page - Texas Instruments PCI1450 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PC Card insertion/removal and recognition
The 1995 PC Card Standard addresses the card detection and recognition process through an interrogation
procedure that the socket must initiate upon card insertion into a cold, unpowered socket. Through this
interrogation, card voltage requirements and interface (16-bit vs. CardBus) are determined.
The scheme uses the CD1, CD2, VS1, and VS2 signals (CCD1, CCD2, CVS1, CVS2 for CardBus). A PC Card
designer connects these four pins in a certain configuration depending on the type of card and the supply
voltage. The encoding scheme for this, defined in the 1997 PC Card Standard, is shown in Table 17.
Table 17. PC Card – Card Detect and Voltage Sense Connections
CD2//CCD2
CD1//CCD1
VS2//CVS2
VS1//CVS1
Key
Interface
Voltage
Ground
Ground
Open
Open
5 V
16-bit PC Card
5 V
Ground
Ground
Open
Ground
5 V
16-bit PC Card
5 V and 3.3 V
Ground
Ground
Ground
Ground
5 V
16-bit PC Card
5 V, 3.3 V, and
X.X V
Ground
Ground
Open
Ground
LV
16-bit PC Card
3.3 V
Ground
Connect to CVS1
Open
Connect to CCD1
LV
CardBus PC Card
3.3 V
Ground
Ground
Ground
Ground
LV
16-bit PC Card
3.3 V and X.X V
Connect to CVS2
Ground
Connect to CCD2
Ground
LV
CardBus PC Card
3.3 V and X.X V
Connect to CVS1
Ground
Ground
Connect to CCD2
LV
CardBus PC Card
3.3 V, X.X V, and
Y.Y V
Ground
Ground
Ground
Open
LV
16-bit PC Card
Y.Y V
Connect to CVS2
Ground
Connect to CCD2
Open
LV
CardBus PC Card
Y.Y V
Ground
Connect to CVS2
Connect to CCD1
Open
LV
CardBus PC Card
X.X V and Y.Y V
Connect to CVS1
Ground
Open
Connect to CCD2
LV
CardBus PC Card
Y.Y V
Ground
Connect to CVS1
Ground
Connect to CCD1
Reserved
Ground
Connect to CVS2
Connect to CCD1
Ground
Reserved
P2C power switch interface (TPS2202A/2206)
A power switch with a PCMCIA-to-peripheral control (P2C) interface is required for the PC Card powering
interface. The TI TPS2206 (or TPS2202A) Dual-Slot PC Card Power-Interface Switch provides the P2C
interface to the CLOCK, DATA, and LATCH terminals of the PCI1450. Figure 8 shows the terminal assignments
of the TPS2206. Figure 9 illustrates a typical application where the PCI1450 represents the PCMCIA controller.
There are two ways to provide a clock source to the power switch interface. The first method is to provide an
external clock source such as a 32 kHz real time clock to the CLOCK terminal. The second method is to use
the internal ring oscillator. If the internal ring oscillator is used, then the PCI1450 provides its own clock source
for the PC Card interrogation logic and the power switch interface. The mode of operation is determined by the
setting of bit 27 of the
system control register (PCI offset 80h). This bit is encoded as follows:
0 = CLOCK terminal (terminal U12) is an input (default).
1 = CLOCK terminal is an output that utilizes the internal oscillator.
A 43 k
W pulldown resistor should be tied to the CLOCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com