Electronic Components Datasheet Search
  English  ▼

X  

PCI1450 Datasheet(PDF) 44 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCI1450 Datasheet HTML 40Page - Texas Instruments PCI1450 Datasheet HTML 41Page - Texas Instruments PCI1450 Datasheet HTML 42Page - Texas Instruments PCI1450 Datasheet HTML 43Page - Texas Instruments PCI1450 Datasheet HTML 44Page - Texas Instruments PCI1450 Datasheet HTML 45Page - Texas Instruments PCI1450 Datasheet HTML 46Page - Texas Instruments PCI1450 Datasheet HTML 47Page - Texas Instruments PCI1450 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PC CARD CONTROLLER PROGRAMMING MODEL
This section describes the PCI1450 PCI configuration registers that make up the 256-byte PCI configuration
header for each PCI1450 function. As noted below, some bits are global in nature and should be accessed only
through function 0.
Registers containing one or more global bits are denoted by a “§.”
Any bit followed by a “†” is not cleared by the assertion of PRST (refer to
CardBus device class power
management for more details) if PME is enabled (PCI offset A4h, bit 8). In this case, these bits are only cleared
by G_RST. If PME is not enabled, then these bits are cleared by G_RST or PRST. These bits are sometimes
referred to as PME context bits and are implemented to allow PME context to be preserved when transitioning
from D3hot or D3cold to D0. If the PME context PRST functionality is not desired, then the PRST and G_RST
signals should be tied together.
If a bit is followed by a “‡”, then this bit is only cleared by G_RST in all cases (not conditional on PME being
enabled). These bits are intended to maintain device context such as interrupt routing and IRQMUX
programming during “warm” resets.
PCI configuration registers (functions 0 and 1)
The PCI1450 is a multifunction PCI device, and the PC Card controller is integrated as PCI functions 0 and 1.
The configuration header, compliant with the PCI Specification as a CardBus bridge header, is PC97/PC98
compliant as well. Table 23 illustrates the PCI configuration header, which includes both the predefined portion
of the configuration space and the user definable registers.
Table 23. Functions 0 and 1 PCI Configuration Register Map
REGISTER NAME
OFFSET
Device ID
Vendor ID
00h
Status
Command
04h
Class code
Revision ID
08h
BIST
Header type
Latency timer
Cache line size
0Ch
CardBus socket registers/ExCA base address
10h
Secondary status
Reserved
Capability pointer
14h
CardBus latency timer
Subordinate bus number
CardBus bus number
PCI bus number
18h
CardBus memory base register 0
1Ch
CardBus memory limit register 0
20h
CardBus memory base register 1
24h
CardBus memory limit register 1
28h
CardBus I/O base register 0
2Ch
CardBus I/O limit register 0
30h
CardBus I/O base register 1
34h
CardBus I/O limit register 1
38h
Bridge control †
Interrupt pin
Interrupt line
3Ch
Subsystem ID
‡
Subsystem vendor ID
‡
40h
PC Card 16-bit I/F legacy mode base address
‡
44h
Reserved
48h–7Fh
† One or more bits in the register are PME context bits and can only be cleared by the assertion of G_RSTwhen PME is enabled. If PMEisnotenabled,
then these bits are cleared by the assertion of PRST or G_RST.
‡ One or more bits in this register are only cleared by the assertion G_RST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com