Electronic Components Datasheet Search
  English  ▼

X  

PCI1450 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI1450 Datasheet HTML 45Page - Texas Instruments PCI1450 Datasheet HTML 46Page - Texas Instruments PCI1450 Datasheet HTML 47Page - Texas Instruments PCI1450 Datasheet HTML 48Page - Texas Instruments PCI1450 Datasheet HTML 49Page - Texas Instruments PCI1450 Datasheet HTML 50Page - Texas Instruments PCI1450 Datasheet HTML 51Page - Texas Instruments PCI1450 Datasheet HTML 52Page - Texas Instruments PCI1450 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
latency timer register
Bit
7
6
5
4
3
2
1
0
Name
Latency timer
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Latency timer
Type:
Read/Write
Offset:
0Dh
Default:
00h
Description: This register specifies the latency timer for the PCI1450, in units of PCI clock cycles. When
the PCI1450 is a PCI bus initiator and asserts FRAME, the latency timer begins counting from
zero. If the latency timer expires before the PCI1450 transaction has terminated, then the
PCI1450 terminates the transaction when its GNT is deasserted.
header type register
Bit
7
6
5
4
3
2
1
0
Name
Header type
Type
R
R
R
R
R
R
R
R
Default
1
0
0
0
0
0
1
0
Register:
Header type
Type:
Read-only
Offset:
0Eh (Functions 0, 1)
Default:
82h
Description: This register returns 82h when read, indicating that the PCI1450 functions 0 and 1
configuration spaces adhere to the CardBus bridge PCI header. The CardBus bridge PCI
header ranges from PCI register 0 to 7Fh, and 80h–FFh is user definable extension registers.
BIST register
Bit
7
6
5
4
3
2
1
0
Name
BIST
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
BIST
Type:
Read-only
Offset:
0Fh (Functions 0, 1)
Default:
00h
Description: Since the PCI1450 does not support a built-in self-test (BIST), this register returns the value of
00h when read. This register returns 0s for the two PCI1450 functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com