Electronic Components Datasheet Search
  English  ▼

X  

PCI1450 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCI1450
Description  PC Card Controllers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCI1450 Datasheet HTML 25Page - Texas Instruments PCI1450 Datasheet HTML 26Page - Texas Instruments PCI1450 Datasheet HTML 27Page - Texas Instruments PCI1450 Datasheet HTML 28Page - Texas Instruments PCI1450 Datasheet HTML 29Page - Texas Instruments PCI1450 Datasheet HTML 30Page - Texas Instruments PCI1450 Datasheet HTML 31Page - Texas Instruments PCI1450 Datasheet HTML 32Page - Texas Instruments PCI1450 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PC Card
I/F
Card Output
Enable Logic
PC Card
Socket 0
ZVEN0
PC Card
I/F
PC Card
Socket 1
ZVEN1
PORTSEL
ZVOUTEN
ZVSTAT
Note: ZVSTAT must be enabled
through the GPIO Control Register
19 Video Signals
4 Audio Signals
VGA
Audio
Codec
Zoomed Video Subsystem
NOTES: A. ZVSTAT must be enabled through the GPIO control register.
Figure 10. Zoomed Video Subsystem
zoomed video auto detect
Zoomed video auto detect, when enabled, allows the PCI1450 to automatically detect zoomed video data by
sensing the pixel clock from each socket and/or from a third zoomed video source that may exist on the
motherboard. The PCI1450 automatically switches the internal zoomed video MUX to route the zoomed video
stream to the PCI1450’s zoomed video output port. This eliminates the need for software to switch the internal
MUX using the
multimedia control register (PCI offset 84h, bits 6 and 7).
The PCI1450 can be programmed to switch a third zoomed video source by programming IRQMUX2 as a
zoomed video pixel clock sense pin and connecting this pin to the pixel clock of the third zoomed video source.
ZVSTAT may then be programmed onto IRQMUX4 and this signal may switch the zoomed video buffers from
the third zoomed video source. To account for the possibility of several zoomed video sources being enabled
at the same time, a programmable priority scheme may be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com