Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 3Page - Texas Instruments THS7002 Datasheet HTML 4Page - Texas Instruments THS7002 Datasheet HTML 5Page - Texas Instruments THS7002 Datasheet HTML 6Page - Texas Instruments THS7002 Datasheet HTML 7Page - Texas Instruments THS7002 Datasheet HTML 8Page - Texas Instruments THS7002 Datasheet HTML 9Page - Texas Instruments THS7002 Datasheet HTML 10Page - Texas Instruments THS7002 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PGA electrical characteristics, TA = 25°C, Gain = 2 dB, RL = 1 kΩ, (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage range
Split supply
±4.5‡
±16.5
V
VOM
Maximum output voltage swing
RL =1kΩ
VCC = ±5 V
±3.6
±4.1
V
VOM
Maximum output voltage swing
RL = 1 kΩ
VCC = ±15 V
±13.2 ±13.8
V
VIO
Input offset voltage
VCC = ±5Vor ±15 V
TA = 25°C
2
9
mV
VIO
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
11
mV
Input offset voltage drift
10
µV/°C
Reference input voltage range
VCC = ±5 V
±3.8
±4.0
V
Reference input voltage range
VCC = ±15 V
±13.5 ±13.8
V
IIB
Input bias current (reference terminal)
VCC = ±5Vor ±15 V
TA = 25°C
1
2
µA
IIB
Input bias current (reference terminal)
VCC = ±5 V or ±15 V
TA = full range
3
µA
IO
Output current
RL = 20 Ω
VCC = ±5 V
30
50
mA
IOS
Short-circuit output current
80
mA
PSRR
Power supply rejection ratio
VCC = ±5Vor ±15 V
TA = 25°C
75
82
dB
PSRR
Power su
ly rejection ratio
VCC = ±5 V or ±15 V
TA = full range
72
dB
RI
Input resistance
Gain = 20 dB
0.27
k
Ω
RI
Input resistance
Gain = –22 dB
3
k
Ω
RO
Output resistance
Open loop
20
Ω
VCC = ±5V
TA = 25°C
4.8
6
ICC
Quiescent supply current (per channel)
VCC = ±5 V
TA = full range
7
mA
ICC
Quiescent supply current (per channel)
VCC = ±15 V
TA = 25°C
5
7
mA
VCC = ±15 V
TA = full range
8
† Full range for the THS7001/02C is 0
°C to 70°C. Full range for the THS7001/02I is –40°C to 85°C.
‡ PGA minimum supply voltage must be less than or equal to preamp supply voltage.
output limiting characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V,
VI ±10 V
VH = 10 V,
VL
10 V
TA = 25°C
±250
±300
Clamp accuracy
VI = ±10 V,
Gain = 2 dB
VL = –10 V,
TA = full range
±350
mV
Clamp accuracy
VCC = ±5 V,
VI ±25 V
VH = 2 V,
VL
2V
TA = 25°C
±50
±80
mV
VI = ±2.5 V,
Gain = 2 dB
VL = –2 V,
TA = full range
±100
Clamp overshoot
VCC = ±15 V,
VI = ±10 V,
VH = 10 V,
tr and tf = 1 ns
VL = –10 V,
0.5%
Clamp overshoot
VCC = ±5 V,
VI = ±2.5 V,
VH = 2 V,
tr and tf = 1 ns
VL = –2 V,
0.3%
Overdrive recovery time
VCC = ±15 V,
VI = ±10 V
VH = 10 V,
VL = –10 V,
7
ns
Overdrive recovery time
VCC = ±5 V,
VI = ±2.5 V
VH = 2 V,
VL = 2 V,
6
ns
Clamp input bias current
VO = 3.3 V,
VL = 3.3 V,
TA = 25°C
1
5
µA
Clamp input bias current
O
,
VH = 3.3 V
L
,
TA = full range
8
µA
† Full range for the THS7002C is 0
°C to 70°C. Full range for the THS7002I is –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com