Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 18Page - Texas Instruments THS7002 Datasheet HTML 19Page - Texas Instruments THS7002 Datasheet HTML 20Page - Texas Instruments THS7002 Datasheet HTML 21Page - Texas Instruments THS7002 Datasheet HTML 22Page - Texas Instruments THS7002 Datasheet HTML 23Page - Texas Instruments THS7002 Datasheet HTML 24Page - Texas Instruments THS7002 Datasheet HTML 25Page - Texas Instruments THS7002 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output clamping (continued)
–4
–3
–2
–1
0
1
2
3
4
–4
–3
–2
–1
012345
OUTPUT VOLTAGE
vs
CLAMP VOLTAGE (VL)
Clamp Voltage – V
RL=5.1 k Ω
VCC=±5 V & ±15 V
VI=5 V
Gain=+2 dB
RL=500 Ω
–4
–3
–2
–1
0
1
2
3
4
–5
–4
–3
–2
–1
01234
OUTPUT VOLTAGE
vs
CLAMP VOLTAGE (VH)
Clamp Voltage – V
RL=5.1 k Ω
VCC=±5 V & ±15 V
VI=–5 V
Gain=+2 dB
RL=500 Ω
Figure 58. Output Voltage vs Clamp Voltage
The accuracy of this clamp is dependant on the amount of current flowing through the internal clamping diodes.
As is typical with all diodes, the voltage drop across this diode increases with current. Therefore, the accuracy
of the clamp is highly dependant upon the output voltage, the clamping voltage difference, and the output
current. The accuracy of the clamps with different load resistances are shown in Figure 59.
–200
–160
–120
–80
–40
0
40
–5
–4
–3
–2
–1
0
VL=–4 V
NEGATIVE CLAMP ACCURACY (VL)
Expected Output Voltage– V
RL=500 Ω
Gain = +2dB
VL=–1 V
VL=–2 V
VL=–3 V
–160
–120
–80
–40
0
40
80
–5
–4
–3
–2
–1
0
VL=–4 V
RL=1 k Ω
Gain = +2dB
VL=–1 V
VL=–2 V
VL=–3 V
NEGATIVE CLAMP ACCURACY (VL)
Expected Output Voltage – V
–160
–120
–80
–40
0
40
80
–5
–4
–3
–2
–1
0
VL=–4 V
RL=5.1 k Ω
Gain = +2dB
VL=–1 V
VL=–2 V
VL=–3 V
NEGATIVE CLAMP ACCURACY (VL)
Expected Output Voltage – V
–80
–40
0
40
80
120
160
012345
VH=4 V
RL=500 Ω
Gain = +2dB
VH=1 V
VH=2 V
VH=3 V
POSITIVE CLAMP ACCURACY (VH)
Expected Output Voltage – V
–120
–80
–40
0
40
80
120
012345
VH=4 V
RL=1 k Ω
Gain = +2dB
VH=1 V
VH=2 V
VH=3 V
POSITIVE CLAMP ACCURACY (VH)
Expected Output Voltage – V
–120
–80
–40
0
40
80
120
012345
VH=4 V
RL=5.1 k Ω
Gain = +2dB
VH=1 V
VH=2 V
VH=3 V
POSITIVE CLAMP ACCURACY (VH)
Expected Output Voltage – V
Figure 59. Clamping Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com