Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 13Page - Texas Instruments THS7002 Datasheet HTML 14Page - Texas Instruments THS7002 Datasheet HTML 15Page - Texas Instruments THS7002 Datasheet HTML 16Page - Texas Instruments THS7002 Datasheet HTML 17Page - Texas Instruments THS7002 Datasheet HTML 18Page - Texas Instruments THS7002 Datasheet HTML 19Page - Texas Instruments THS7002 Datasheet HTML 20Page - Texas Instruments THS7002 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise calculations and noise figure (continued)
RF1
A1
Vin
_
+
_
+
RG1
RF2
RG2
eni1
+
eno1
eni2
eno2
AV1= 1+
RF1
RG1
AV2= 1+
RF2
RG2
Figure 53. Simplified Composite Amplifier System
The noise due to amplifier 1 (A1) is the same as derived in equations 1 and 2. The composite system noise is
calculated as follows:
e
no2 +
e
ni2
2
) e
no1
2
A
V2
(3)
+
e
ni2
2
) e
ni1
A
V1
2
A
V2
In a typical system, amplifier 1 (A1) has a large gain (AV1). Because the noise is summed in the RMS method,
if the A1 output noise is more than 25% larger than the input noise of amplifier 2, the contribution of
amplifier 2’s input noise to the composite amplifier output noise can effectively be ignored. This reduces
equation 3 down to:
(4)
e
no2 ≅
e
ni1
A
V1
A
V2
Equation 4 shows that the very first amplifier (the preamplifier) is critical in any low-level signal system. This also
shows that practically any noisy amplifier can be used after the preamplifier with minimal SNR degradation.
For more information on noise analysis, please refer to the
Noise Analysis section in Operational Amplifier
Circuits Applications Report (literature number SLVA043).
This brings up another noise measurement usually preferred in RF applications, the noise figure (NF). Noise
figure is a measure of noise degradation caused by the amplifier. The value of the source resistance must be
defined and is typically 50
Ω in RF applications.
NF
+ 10log
e
2
ni
e
Rs
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com