Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 10Page - Texas Instruments THS7002 Datasheet HTML 11Page - Texas Instruments THS7002 Datasheet HTML 12Page - Texas Instruments THS7002 Datasheet HTML 13Page - Texas Instruments THS7002 Datasheet HTML 14Page - Texas Instruments THS7002 Datasheet HTML 15Page - Texas Instruments THS7002 Datasheet HTML 16Page - Texas Instruments THS7002 Datasheet HTML 17Page - Texas Instruments THS7002 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 47
t – Time – ns
0
1020 3040 50
60 70 8090 100
VCC = ±15 V
VCC = ±5 V
VSHDN (5 V/Div)
PGA SHUTDOWN RESPONSE
VOUT (500 mV/Div)
Gain = 1,0,1
(+8 dB)
RL = 500 Ω
Figure 48
t – Time – ns
012
34
5
6
7
8
9
10
RL = ∞
VCC = ±15 V
VSHDN (5 V/Div)
PREAMP SHUTDOWN RESPONSE
RL = 150 Ω
VCC = ±5 V
Figure 49
VO (500 mV/Div)
PGA 5-V STEP RESPONSE
3
2
1
0
–1
–2
0
50
100
150
200
250
t – Time – ns
–3
G = 2 dB
VCC = ±5 V
RL = 1 kΩ
300
PGA 20-V STEP RESPONSE
2.5
0
–2.5
–5.0
–7.5
–10.0
0
100
200
300
400
500
t – Time – ns
–12.5
5.0
7.5
10.0
12.5
G = 8 dB
VCC = ±15 V
RL = 1 kΩ
Figure 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com