Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 16Page - Texas Instruments THS7002 Datasheet HTML 17Page - Texas Instruments THS7002 Datasheet HTML 18Page - Texas Instruments THS7002 Datasheet HTML 19Page - Texas Instruments THS7002 Datasheet HTML 20Page - Texas Instruments THS7002 Datasheet HTML 21Page - Texas Instruments THS7002 Datasheet HTML 22Page - Texas Instruments THS7002 Datasheet HTML 23Page - Texas Instruments THS7002 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
PGA gain control (continued)
One aspect of the THS7001 and THS7002 PGA signal inputs is that there are internal variable resistors (RF
and RG), which set the gain. The resistance of RG changes from about 270-Ω (Gain = +20 dB) to about 3-kΩ
(Gain = –22 dB). Therefore, any source impedance at the input to the PGA amplifiers will cause a gain error
to be seen at the output. A buffer/amplifier is highly recommended to directly drive the input of the PGA section
to help minimize this effect.
Another thing which should be kept in mind is that when each amplifier’s VREF is connected to ground, the
internal RG resistor is connected to a virtual ground. Therefore, if a termination resistor is used on the source
side, the total terminating resistance is the parallel combination of the terminating resistance and the internal
RG resistor. This, in conjunction with the series impedance problem mentioned previously, can potentially cause
a voltage mismatch between the output of a 50-
Ω source and the expected PGA output voltage. These points
can be easily seen in the simplified diagram of the THS7001 and THS7002 PGA section (see Figure 56).
+
–
PGA
VOUT
No Source Impedance
VIN
RG
RF
PGA
G0 G1 G2
PGA
–VIN
Negative
Clamp VL
Positive
Clamp VH
THS7001 and THS7002 IC
PGA
VREF
RTERMINATION
RSOURCE
R
TOTAL TERMINATION +
R
TERMINATION
R
SOURCE )
R
G
R
TERMINATION )
R
SOURCE )
R
G
Figure 56. Simplified PGA Section of the THS7001 and THS7002
voltage reference terminal
If a voltage is applied to the PGA’s VREF terminal, then the output of the PGA section will amplify the applied
reference voltage by one plus the selected gain. Thus, the output gain strictly due to VREF will be from +0.6 dB
to +21 dB according to the following formula:
V
OUT
V
REF
+ 20 X Log
10 1 ) PGA Gain V V
For most configurations, it is recommended that this pin be connected to the signal ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com