Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 6Page - Texas Instruments THS7002 Datasheet HTML 7Page - Texas Instruments THS7002 Datasheet HTML 8Page - Texas Instruments THS7002 Datasheet HTML 9Page - Texas Instruments THS7002 Datasheet HTML 10Page - Texas Instruments THS7002 Datasheet HTML 11Page - Texas Instruments THS7002 Datasheet HTML 12Page - Texas Instruments THS7002 Datasheet HTML 13Page - Texas Instruments THS7002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
PREAMP OPEN LOOP GAIN AND
PHASE RESPONSE
vs
FREQUENCY
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
100M
1G
VCC = ±15 V and ±5 V
RL = 250 Ω
f – Frequency – Hz
Gain
Phase
0
–20
45
_
0
_
–45
_
–90
_
–135
_
–180
_
–225
_
Figure 13
PREAMP INPUT REFERRED VOLTAGE NOISE
AND CURRENT NOISE
vs
FREQUENCY
20
10
10
100
1k
f – Frequency – Hz
1
10k
0.1
100k
VCC = ±15 V and ±5 V
TA = 25 _C
IN
VN
Figure 14
f – Frequency – Hz
100k
1M
10M
100M
8
7
6
5
4
3
2
1
0
–1
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±5 V
G = 2
RL = 150 Ω
VO(PP) = 0.4 V
RF = 100 Ω
RF = 499 Ω
RF = 1 kΩ
Figure 15
f – Frequency – Hz
100k
1M
10M
100M
VCC = ±15 V
G = 2
RL = 150 Ω
VO(PP) = 0.4 V
RF = 100 Ω
RF = 499 Ω
RF = 1 kΩ
8
7
6
5
4
3
2
1
0
–1
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
Figure 16
f – Frequency – Hz
100k
1M
10M
100M
2
1
0
–1
–2
–3
–4
–5
–6
–7
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±5 V
G = –1
RL = 150 Ω
VO(PP) = 0.4 V
RF = 1 kΩ
RF = 499 Ω
RF = 100 Ω
Figure 17
f – Frequency – Hz
100k
1M
10M
100M
2
1
0
–1
–2
–3
–4
–5
–6
–7
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±15 V
G = –1
RL = 150 Ω
VO(PP) = 0.4 V
RF = 1 kΩ
RF = 499 Ω
RF = 100 Ω
Figure 18
f – Frequency – Hz
100k
1M
10M
100M
16
14
12
10
8
6
4
2
0
–1
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±5 V
G = 5
RL = 150 Ω
VO(PP) = 0.4 V
RF = 499 Ω
RF = 5.1 kΩ
Figure 19
f – Frequency – Hz
100k
1M
10M
100M
16
14
12
10
8
6
4
2
0
–1
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±15 V
G = 5
RL = 150 Ω
VO(PP) = 0.4 V
RF = 499 Ω
RF = 5.1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com