Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 11Page - Texas Instruments THS7002 Datasheet HTML 12Page - Texas Instruments THS7002 Datasheet HTML 13Page - Texas Instruments THS7002 Datasheet HTML 14Page - Texas Instruments THS7002 Datasheet HTML 15Page - Texas Instruments THS7002 Datasheet HTML 16Page - Texas Instruments THS7002 Datasheet HTML 17Page - Texas Instruments THS7002 Datasheet HTML 18Page - Texas Instruments THS7002 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
theory of operation
Each section of the THS7001 and THS7002 consists of a pair of high speed operational amplifiers configured
in a voltage feedback architecture. They are built using a 30-V, dielectrically isolated, complementary bipolar
process with NPN and PNP transistors possessing fTs of several GHz. This results in exceptionally high
performance amplifiers that have a wide bandwidth, high slew rate, fast settling time, and low distortion. A
simplified schematic of the preamplifiers are shown in Figure 51.
IN –
IN +
OUT
VCC –
VCC +
Figure 51. Pre-Amp Simplified Schematic
noise calculations and noise figure
Noise can cause errors on very small signals. This is especially true for the preamplifiers, which typically amplify
small signals. The noise model is shown in Figure 52. This model includes all of the noise sources as follows:
• e
n = amplifier internal voltage noise (nV/√Hz)
• IN+ = noninverting current noise (pA/√Hz)
• IN– = inverting current noise (pA/√Hz)
• e
Rx = thermal voltage noise associated with each resistor (eRx = 4 kTRx )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com