Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 21Page - Texas Instruments THS7002 Datasheet HTML 22Page - Texas Instruments THS7002 Datasheet HTML 23Page - Texas Instruments THS7002 Datasheet HTML 24Page - Texas Instruments THS7002 Datasheet HTML 25Page - Texas Instruments THS7002 Datasheet HTML 26Page - Texas Instruments THS7002 Datasheet HTML 27Page - Texas Instruments THS7002 Datasheet HTML 28Page - Texas Instruments THS7002 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general configurations (continued)
If even more attenuation is needed, a multiple-pole filter is required. The Sallen-Key filter can be used for this
task. For best results, the THS7001 and THS7002 preamplifier should have a bandwidth that is 8 to 10 times
the filter frequency bandwidth. Failure to do this can result in phase shift of the amplifier.
VI
C2
R2
R1
C1
RF
RG
R1 = R2 = R
C1 = C2 = C
Q = Peaking Factor
(Butterworth Q = 0.707)
(
=
1
Q
2 –
)
RG
RF
_
+
f
–3dB +
1
2
pRC
Figure 64. 2-Pole Low-Pass Sallen-Key Filter
ADSL
The ADSL receive band consists of up to 255 separate carrier frequencies each with its own modulation and
amplitude level. With such an implementation, it is imperative that signals received off the telephone line have
as high a signal-to-noise ratio (SNR) as possible. This is because of the numerous sources of interference on
the line. The best way to accomplish this high SNR is to have a low-noise preamplifier on the front-end. It is also
important to have the lowest distortion possible to help minimize against interference within the ADSL carriers.
The THS7001 and THS7002 was designed with these two priorities in mind.
By taking advantage of the superb characteristics of the complimentary bipolar process (BICOM), the THS7001
and THS7002 offers extremely low noise and distortion while maintaining a high bandwidth. There are some
aspects that help minimize distortion in any amplifier. The first is to extend the bandwidth of the amplifier as high
as possible without peaking. This allows the amplifier to eliminate any nonlinearities in the output signal. Another
thing that helps to minimize distortion is to increase the load impedance seen by the amplifier, thereby reducing
the currents in the output stage. This will help keep the output transistors in their linear amplification range and
will also reduce the heating effects.
One central-office side terminal circuit implementation, shown in Figure 65, uses a 1:2 transformer ratio. While
creating a power and output voltage advantage for the line drivers, the 1:2 transformer ratio reduces the SNR
for the received signals. The ADSL standard, ANSI T1.413, stipulates a noise power spectral density of –140
dBm/Hz, which is equivalent to 31.6 nV/
√Hz for a 100 Ω system. Although many amplifiers can reach this level
of performance, actual ADSL system testing has indicated that the noise power spectral density may typically
be
≤ –150 dBm/Hz, or ≤ 10 nV/√Hz. With a transformer ratio of 1:2, this number reduces to less than 5 nV/√Hz.
The THS7002 preamplifiers, with an equivalent input noise of 1.7 nV/
√Hz, is an excellent choice for this
application. Coupled with a very low 0.9 pA/
√Hz equivalent input current noise and low value resistors, the
THS7001 and THS7002 will ensure that the received signal SNR will be as high as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com