Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 24Page - Texas Instruments THS7002 Datasheet HTML 25Page - Texas Instruments THS7002 Datasheet HTML 26Page - Texas Instruments THS7002 Datasheet HTML 27Page - Texas Instruments THS7002 Datasheet HTML 28Page - Texas Instruments THS7002 Datasheet HTML 29Page - Texas Instruments THS7002 Datasheet HTML 30Page - Texas Instruments THS7002 Datasheet HTML 31Page - Texas Instruments THS7002 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general PowerPAD design considerations (continued)123456
The actual thermal performance achieved with the THS7001PWP/THS7002PWP in its PowerPAD package
depends on the application. In the example above, if the size of the internal ground plane is approximately
3 inches
× 3 inches, then the expected thermal coefficient, θJA, is about 32.6°C/W for the THS7001 and
27.9
_C/W for the THS7002. For a given θJA, the maximum power dissipation is shown in Figure 69 and is
calculated by the following formula:
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of THS7001 and THS7002 IC (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case (THS7001 = 1.4°C/W; THS7002 = 0.72°C/W)
θCA = Thermal coefficient from case to ambient air (°C/W)
THS7002
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
7
6
5
4
3
2
–40
–20
0
20
40
60
TA – Free-Air Temperature – _C
1
80
100
8
TJ = 150 _C
0
θJA = 27.9 _C/W
2 oz. Trace and
Copper Pad With
Solder
θJA = 56.2 _C/W
2 oz. Trace and
Copper Pad
Without Solder
THS7001
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
7
6
5
4
3
2
–40
–20
0
20
40
60
TA – Free-Air Temperature – _C
1
80
100
8
TJ = 150 _C
0
θJA = 32.6 _C/W
2 oz. Trace and
Copper Pad With
Solder
θJA = 74.4 _C/W
2 oz. Trace and
Copper Pad
Without Solder
NOTE A: Results are with no air flow and PCB size = 3”
× 3”
Figure 69. Maximum Power Dissipation vs Free-Air Temperature
More complete details of the PowerPAD installation process and thermal management techniques can be found
in the Texas Instruments technical brief,
PowerPAD Thermally Enhanced Package. This document can be found
at the TI web site (www.ti.com) by searching on the key word PowerPAD. The document can also be ordered
through your local TI sales office. Refer to literature number SLMA002 when ordering.
evaluation board
An evaluation board is available both the THS7001 (literature number SLOP250) and for the THS7002
(literature number SLOP136). These boards has been configured for very low parasitic capacitance in order
to realize the full performance of the amplifiers. These EVM’s incorporate DIP switches to demonstrate the full
capabilities of the THS7001 and THS7002 independent of any digital control circuitry. For more information,
please refer to the
THS7001 EVM User’s Guide (literature number SLOU057)and the THS7002 EVM User’s
Guide (literature number SLOU037). To order a evaluation board contact your local TI sales office or distributor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com